Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X-2064845-X Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # X-2064845-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064845-X Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button X-2064845-X Datasheet HTML 84Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 85Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 86Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 87Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 88Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 89Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 90Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 91Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
88
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
PRO BEAM Expanded Beam Rugged Optics Products (Continued)
PRO BEAM Mini Connectors
(Continued)
Performance Specifications
Optical, Multimode Version
Insertion Loss, Typical —
0.7 dB @ 1300 nm*
Optical, Singlemode Version
Insertion Loss, Typical —
0.8 dB @ 1310 nm*
Return Loss — > 34 dB @ 1310 nm
or 1550 nm
**
*When tested with reference quality
launch/receive cable assemblies
**RL Tested Open Ended
Mechanical
Vibration, Sinusoidal —
10 - 500 Hz, 3 directions;
0.75 mm amplitude @ 10g acceleration
Bump — 4,000 Bumps, 3 directions
@ 40g acceleration
Free Fall — 500 falls on concrete;
Severity 1.2 m
Coupling Endurance —
3,000 couplings
Weight —
Plug — 50 grams, typical
D-Hole bulkhead — 39 grams, typical
Temperature
Operational Temperature —
-40°C/+85°C
Storage Temperature —
-55°C/+85°C
Temperature, Cyclic —
-55°C/+85°C
Humidity (Damp Heat) —95% RH
Immersion
Water — 5 m depth (plug) -
2 m (Bulkhead)
Pressure
Low Pressure — 25 kPa @ -55°C
Material and Finish
Shell Alloy — Aluminum; or nickel
aluminum bronze (high saline environ-
ment)
Plating (For Aluminum Shells
Only) — clear hard anodized; or green
chromate conversion zinc (PRO BEAM
Jr. Bulkheads only)
Technical Documents
408-10065 Plug
408-10067 Square Flange Bulkhead
408-10069 Low Profile D-Hole Bulkhead
408-10076 Sealed D-Hole Bulkhead
http://www.te.com/documents
PRO BEAM Mini Cable Connector, Plug
PRO BEAM Mini Low Profile, Square Flange Mount Bulkhead
PRO BEAM Mini Bulkhead with XLR Flange
PRO BEAM Mini D-Hole Bulkhead,
Buffered Fiber, Low Profile
Recommended Panel Cutout
Recommended Panel Cutout
Recommended Panel Cutout


Similar Part No. - X-2064845-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064845-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com