Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

492577-1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 492577-1
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492577-1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 492577-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 492577-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 492577-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 492577-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 492577-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 492577-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers 492577-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers 492577-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers 492577-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
8
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
Product Facts
I
4 transmit and 4 receive
channels at 5 Gb/s and
10 Gb/s per channel
I
Industry standard (SFF-8470)
electrical connector (aka
InfiniBand 4X, IB 4X, CX4*,
Fibre Channel) and QSFP/
QSFP+ Connector
I
Internally terminated
optics — no optical
connector to clean
I
Differential data I/O per
InfiniBand version 1.2.1
I
Asynchronous, internally AC
coupled inputs and outputs
I
Passively cooled design —
low thermal resistance
heat path from chip to
connector shell
I
Small diameter cable
(3.0 mm)
I
Light weight
I
Tight bend radius
I
Following configurations
also available. Contact your
TE sales representative for
details
I
SFP+ 10 Gb/s single lane
I
CXP 10 Gb/s twelve lane
*CX4 available in 5 Gb/s only.
TE’s PARALIGHT active
optical cable assemblies
use state-of-the-art
technology to provide cost
effective high data through-
put interconnects. The
cables incorporate E/O and
O/E conversion built into the
connector shell to yield a
dramatic improvement in
PCB real estate utilization.
Using 850 nm VCSEL
technology, the 5 Gb/s
active cable assemblies will
operate over a data rate of
2.5 to 5 Gb/s per lane with
an aggregate data rate of
20 Gb/s in each direction.
The 10 Gb/s active cable
assemblies will operate over
a data rate of 2.5 to 10 Gb/s
per lane with an aggregate
data rate of 40 Gb/s in each
direction.
They are available in lengths
up to 100 meters using 50
micron fiber. Longer lengths
available upon request. The
EOE circuitry is designed for
use with 8B/10B encoded
data streams, such as
InfiniBand, Fibre Channel,
and XAUI.
QSFP connector style
supports connections for an
I2C serial interface, which
can be used to identify the
product and performance
capabilities.
Applications
I
High Performance
Computing Clusters
I
Supercomputers
I
High End Servers
I
Mass Storage
I
Metro Network Switch/Cross
Connect
I
High End Carrier Class
Routers
I
SDR, QDR and DDR
InfiniBand Applications
I
Other 2.5–10.0 Gb/s
Applications (e.g. 10 Gb
Fibre Channel or 10 Gig
Ethernet XAUI on ports
providing InfiniBand pinout
3.3 V power)
Mechanical/Environmental
I
Up to 100 meters — longer
lengths available upon
request
I
25 mm bend radius
I
Operating Case Temperature
0° C to 70° C
I
Storage Temperature -40° C
to 85° C
Materials
I
OFNR/CSA-FT-6 (plenum)
cable
I
OFN-LS (LSZH rated) cable
Technical Document
Product Specification
108-2330
Fibre Channel is a trademark of the Fibre
Channel Industry Association.
INFINIBAND is a trademark of the
InfiniBand Trade Association.
XAUI is a trademark of the 10Gigabit
Ethernet Alliance XAUI Interoperability
Group.
PARALIGHT Active Optical Cable Assemblies


Similar Part No. - 492577-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
492577-1 MACOM-492577-1 Datasheet
132Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Similar Description - 492577-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com