Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2936DT-3.0 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2936DT-3.0
Description  LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2936DT-3.0 Datasheet(HTML) 2 Page - Texas Instruments

  LM2936DT-3.0 Datasheet HTML 1Page - Texas Instruments LM2936DT-3.0 Datasheet HTML 2Page - Texas Instruments LM2936DT-3.0 Datasheet HTML 3Page - Texas Instruments LM2936DT-3.0 Datasheet HTML 4Page - Texas Instruments LM2936DT-3.0 Datasheet HTML 5Page - Texas Instruments LM2936DT-3.0 Datasheet HTML 6Page - Texas Instruments LM2936DT-3.0 Datasheet HTML 7Page - Texas Instruments LM2936DT-3.0 Datasheet HTML 8Page - Texas Instruments LM2936DT-3.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM2936
SNOSC48N – JUNE 2000 – REVISED MARCH 2013
www.ti.com
Connection Diagrams
Figure 1. PFM
Figure 2. SOT-223
Top View
Top View
See Package Number NDP0003B
See Package Number DCY0004A
Figure 3. 8-Pin SOIC (D)
Figure 4. 8-Pin SOIC (D)
Top View
Top View
See Package Number D0008A
See Package Number D0008A
Figure 5. TO-92
Figure 6. 8-Pin VSSOP (DGK)
Bottom View
Top View
See Package Number LP0003A
See Package Number DGK0008A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Voltage (Survival)
+60V,
−50V
ESD Susceptibility (3)
2000V
Power Dissipation (4)
Internally limited
Junction Temperature (TJmax)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating ratings.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human body model, 100 pF discharge through a 1.5 k
Ω resistor.
(4)
The maximum power dissipation is a function of TJmax, θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJmax − TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and the LM2936 will go
into thermal shutdown.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2936


Similar Part No. - LM2936DT-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936DT-3.0 NSC-LM2936DT-3.0 Datasheet
294Kb / 10P
   Ultra-Low Quiescent Current 3.0V Regulator
LM2936DT-3.0 NSC-LM2936DT-3.0 Datasheet
301Kb / 10P
   Ultra-Low Quiescent Current 3.0V Regulator
LM2936DT-3.0 NSC-LM2936DT-3.0 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936DT-3.0 TI-LM2936DT-3.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936DT-3.0/NOPB TI-LM2936DT-3.0/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
More results

Similar Description - LM2936DT-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2936HVBMAX33 TI-LM2936HVBMAX33 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com