Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC221A Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC221A
Description  1.2V Input / Output Rail To Rail CMOS Op Amp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC221A Datasheet(HTML) 6 Page - Torex Semiconductor

  XC221A_12 Datasheet HTML 1Page - Torex Semiconductor XC221A_12 Datasheet HTML 2Page - Torex Semiconductor XC221A_12 Datasheet HTML 3Page - Torex Semiconductor XC221A_12 Datasheet HTML 4Page - Torex Semiconductor XC221A_12 Datasheet HTML 5Page - Torex Semiconductor XC221A_12 Datasheet HTML 6Page - Torex Semiconductor XC221A_12 Datasheet HTML 7Page - Torex Semiconductor XC221A_12 Datasheet HTML 8Page - Torex Semiconductor XC221A_12 Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
XC221A Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
●XC221A1200 <100μA>
(1) Voltage Gain vs. Phase Margin
(2) Sink Current vs. Output Voltage
(3) Source Current vs. Output Voltage
(4) Supply Current vs. Power Supply Voltage
(5) Supply Current vs. Ambient Temperature


Similar Part No. - XC221A_12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
More results

Similar Description - XC221A_12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A Datasheet
667Kb / 8P
   1.2VInput/ Output Rail To Rail CMOS Op Amp
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Linear Technology
LTC6090 LINER-LTC6090_15 Datasheet
507Kb / 26P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com