Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F67J50 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC18F67J50
Description  PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F67J50 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC18F67J50 Datasheet HTML 3Page - Microchip Technology PIC18F67J50 Datasheet HTML 4Page - Microchip Technology PIC18F67J50 Datasheet HTML 5Page - Microchip Technology PIC18F67J50 Datasheet HTML 6Page - Microchip Technology PIC18F67J50 Datasheet HTML 7Page - Microchip Technology PIC18F67J50 Datasheet HTML 8Page - Microchip Technology PIC18F67J50 Datasheet HTML 9Page - Microchip Technology PIC18F67J50 Datasheet HTML 10Page - Microchip Technology PIC18F67J50 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2009 Microchip Technology Inc.
DS80481A-page 7
PIC18F87J50 FAMILY
4. Module: Section 28.3 “DC
Characteristics: PIC18F87J50
family (Industrial)”
On page 428, the characteristics and conditions of the
Input Leakage Current are updated for the Analog
(D060) and included for the Digital (D060A) I/O ports.
The changed content is indicated in bold text in the “DC
CHARACTERISTICS” table.
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
VIL
Input Low Voltage
All I/O ports:
D030
with TTL buffer
VSS
0.15 VDD
VVDD < 3.3V
D030A
0.8
V
3.3V
≤ VDD ≤ 3.6V
D031
with Schmitt Trigger buffer
VSS
0.2 VDD
V
D032
MCLR
VSS
0.2 VDD
V
D033
OSC1
VSS
0.3 VDD
V
HS, HSPLL modes
D033A
D034
OSC1
T1CKI
VSS
VSS
0.2 VDD
0.3
V
V
EC, ECPLL modes
VIH
Input High Voltage
I/O ports with non 5.5V
tolerance:(2)
D040
with TTL buffer
0.25 VDD + 0.8V
VDD
VVDD < 3.3V
D040A
2.0
VDD
V3.3V
≤ VDD ≤ 3.6V
D041
with Schmitt Trigger buffer
0.8 VDD
VDD
V
I/O ports with 5.5V
tolerance:(2)
Dxxx
with TTL buffer
0.25 VDD + 0.8V
5.5
V
VDD < 3.3V
DxxxA
2.0
5.5
V
3.3V
≤ VDD ≤ 3.6V
Dxxx
with Schmitt Trigger buffer
0.8 VDD
5.5
V
D042
MCLR
0.8 VDD
VDD
V
D043
OSC1
0.7 VDD
VDD
V
HS, HSPLL modes
D043A
D044
OSC1
T1CKI
0.8 VDD
1.6
VDD
VDD
V
V
EC, ECPLL modes
IIL
Input Leakage Current(1)
D060
I/O ports with non 5.5V
tolerance:(2)
±1
μAVSS ≤ VPIN ≤ VDD,
Pin at high-impedance
D060A
I/O ports with 5.5V
tolerance:(2)
±1
μAVSS ≤ VPIN ≤ 5.5V,
Pin at high-impedance
D061
MCLR
±1
μAVss ≤ VPIN ≤ VDD
D063
OSC1
±5
μAVss ≤ VPIN ≤ VDD
Note 1: Negative current is defined as current sourced by the pin.
2: Refer to Table 10-1 for the pins that have corresponding tolerance limits.


Similar Part No. - PIC18F67J50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F67J50 MICROCHIP-PIC18F67J50 Datasheet
8Mb / 480P
   64/80-Pin High-Performance, 1-Mbit Flash USB Microcontrollers with nanoWatt Technology
2007
PIC18F67J50 MICROCHIP-PIC18F67J50 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC18F67J50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
   PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ32GA002-I-ML MICROCHIP-PIC24FJ32GA002-I-ML Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
   PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F46J50 MICROCHIP-PIC18F46J50 Datasheet
217Kb / 12P
   PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
   PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
   Silicon Errata and Data Sheet Clarification
2011
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
   KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
   SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS202-EMM MICROCHIP-DSPIC33FJ06GS202-EMM Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com