Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5110-2SD Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5110-2SD
Description  LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5110-2SD Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5110-2SD Datasheet HTML 6Page - Texas Instruments LM5110-2SD Datasheet HTML 7Page - Texas Instruments LM5110-2SD Datasheet HTML 8Page - Texas Instruments LM5110-2SD Datasheet HTML 9Page - Texas Instruments LM5110-2SD Datasheet HTML 10Page - Texas Instruments LM5110-2SD Datasheet HTML 11Page - Texas Instruments LM5110-2SD Datasheet HTML 12Page - Texas Instruments LM5110-2SD Datasheet HTML 13Page - Texas Instruments LM5110-2SD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISINK (MAX) :=
TJ(MAX) - TA
TJA · RDS (ON)
LM5110
SNVS255A – MAY 2004 – REVISED MAY 2004
www.ti.com
Assuming negligible gate resistance, the total power dissipated in the MOSFET driver due to gate charge is
approximated by
PDRIVER = VGATE x QG x FSW
where
FSW = switching frequency of the MOSFET
As an example, consider the MOSFET MTD6N15 whose gate charge specified as 30 nC for VGATE = 12V.
The power dissipation in the driver due to charging and discharging of MOSFET gate capacitances at switching
frequency of 300 kHz and VGATE of 12V is equal to
PDRIVER = 12V x 30 nC x 300 kHz = 0.108W.
If both channels of the LM5110 are operating at equal frequency with equivalent loads, the total losses will be
twice as this value which is 0.216W.
In addition to the above gate charge power dissipation, - transient power is dissipated in the driver during output
transitions. When either output of the LM5110 changes state, current will flow from VCC to VEE for a very brief
interval of time through the output totem-pole N and P channel MOSFETs. The final component of power
dissipation in the driver is the power associated with the quiescent bias current consumed by the driver input
stage and Under-voltage lockout sections.
Characterization of the LM5110 provides accurate estimates of the transient and quiescent power dissipation
components. At 300 kHz switching frequency and 30 nC load used in the example, the transient power will be 8
mW. The 1 mA nominal quiescent current and 12V VGATE supply produce a 12 mW typical quiescent power.
Therefore the total power dissipation
PD = 0.216 + 0.008 + 0.012 = 0.236W.
We know that the junction temperature is given by
TJ = PD x θJA + TA
Or the rise in temperature is given by
TRISE = TJ − TA = PD x θJA
For SOIC-8 package
θJA is estimated as 170°C/W for the conditions of natural convection.
Therefore TRISE is equal to
TRISE = 0.236 x 170 = 40.1°C
For WSON-10 package, the integrated circuit die is attached to leadframe die pad which is soldered directly to
the printed circuit board. This substantially decreases the junction to ambient thermal resistance (
θJA). θJA as low
as 40°C/W is achievable with the WSON10 package. The resulting TRISE for the dual driver example above is
thereby reduced to just 9.5 degrees.
CONTINUOUS CURRENT RATING OF LM5110
The LM5110 can deliver pulsed source/sink currents of 3A and 5A to capacitive loads. In applications requiring
continuous load current (resistive or inductive loads), package power dissipation, limits the LM5110 current
capability far below the 5A sink/3A source capability. Rated continuous current can be estimated both when
sourcing current to or sinking current from the load. For example when sinking, the maximum sink current can be
calculated as
where
RDS(on) is the on resistance of lower MOSFET in the output stage of LM5110
Consider TJ(max) of 125°C and θJA of 170°C/W for an SO-8 package under the condition of natural convection
and no air flow. If the ambient temperature (TA) is 60°C, and the RDS(on) of the LM5110 output at TJ(max) is
2.5
Ω, this equation yields ISINK(max) of 391mA which is much smaller than 5A peak pulsed currents.
Similarly, the maximum continuous source current can be calculated as
10
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM5110


Similar Part No. - LM5110-2SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5110-2SD NSC-LM5110-2SD Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110-2SD/NOPB TI-LM5110-2SD/NOPB Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
National Semiconductor ...
LM5110-2SDX NSC-LM5110-2SDX Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
More results

Similar Description - LM5110-2SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
SM72482 TI-SM72482_15 Datasheet
731Kb / 15P
[Old version datasheet]   Dual 5A Compound Gate Driver
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111 TI-LM5111 Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
logo
National Semiconductor ...
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com