Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM22670QTJ-ADJ Datasheet(PDF) 4 Page - Texas Instruments

Part # LM22670QTJ-ADJ
Description  LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22670QTJ-ADJ Datasheet(HTML) 4 Page - Texas Instruments

  LM22670QTJ-ADJ Datasheet HTML 1Page - Texas Instruments LM22670QTJ-ADJ Datasheet HTML 2Page - Texas Instruments LM22670QTJ-ADJ Datasheet HTML 3Page - Texas Instruments LM22670QTJ-ADJ Datasheet HTML 4Page - Texas Instruments LM22670QTJ-ADJ Datasheet HTML 5Page - Texas Instruments LM22670QTJ-ADJ Datasheet HTML 6Page - Texas Instruments LM22670QTJ-ADJ Datasheet HTML 7Page - Texas Instruments LM22670QTJ-ADJ Datasheet HTML 8Page - Texas Instruments LM22670QTJ-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LM22670
SNVS584O – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TA = TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified:
VIN = 12V.
Min
Typ
Max
Parameter
Test Conditions
Units
(1)
(2)
(1)
LM22670-5.0
VFB
Feedback Voltage
VIN = 8V to 42V
4.925/4.9
5.0
5.075/5.1
V
LM22670-ADJ
VFB
Feedback Voltage
VIN = 4.7V to 42V
1.266/1.259
1.285
1.304/1.311
V
All Output Voltage Versions
IQ
Quiescent Current
VFB = 5V
3.4
6
mA
ISTDBY
Standby Quiescent Current
EN Pin = 0V
25
40
µA
ICL
Current Limit
3.4/3.35
4.2
5.3/5.5
A
IL
Output Leakage Current
VIN = 42V, EN Pin = 0V, VSW = 0V
0.2
2
µA
VSW = -1V
0.1
3
µA
RDS(ON)
Switch On-Resistance
PFM Package
0.12
0.16/0.22
SO PowerPAD-8 Package
0.10
0.16/0.20
fO
Oscillator Frequency
400
500
600
kHz
TOFFMIN
Minimum Off-time
100
200
300
ns
TONMIN
Minimum On-time
100
ns
IBIAS
Feedback Bias Current
VFB = 1.3V (ADJ Version Only)
230
nA
VEN
Enable Threshold Voltage
Falling
1.3
1.6
1.9
V
VENHYST
Enable Voltage Hysteresis
0.6
V
IEN
Enable Input Current
EN Input = 0V
6
µA
FSYNC
Maximum Synchronization
VSYNC = 3.5V, 50% duty-cycle
1
MHz
Frequency
VSYNC
Synchronization Threshold
1.75
V
Voltage
TSD
Thermal Shutdown Threshold
150
°C
θJA
Thermal Resistance
TJ Package, Junction to ambient
22
°C/W
thermal resistance (3)
θJA
Thermal Resistance
MR Package, Junction to ambient
60
°C/W
thermal resistance (4)
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
(2)
Typical values represent most likely parametric norms at the conditions specified and are not ensured.
(3)
The value of
θJA for the PFM package of 22°C/W is valid if package is mounted to 1 square inch of copper. The θJA value can range
from 20 to 30°C/W depending on the amount of PCB copper dedicated to heat transfer. See application note AN-1797 SNVA328 for
more information.
(4)
The value of
θJA for the SO Power PAD-8 exposed pad package of 60°C/W is valid if package is mounted to 1 square inch of copper.
The
θJA value can range from 42 to 115°C/W depending on the amount of PCB copper dedicated to heat transfer.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM22670


Similar Part No. - LM22670QTJ-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22670QTJ-ADJ NSC-LM22670QTJ-ADJ Datasheet
525Kb / 20P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
logo
Texas Instruments
LM22670QTJ-ADJ/NOPB TI1-LM22670QTJ-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM22670QTJ-ADJ/NOPB TI1-LM22670QTJ-ADJ/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
More results

Similar Description - LM22670QTJ-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com