Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5110-1MX Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5110-1MX
Description  LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5110-1MX Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5110-1MX Datasheet HTML 3Page - Texas Instruments LM5110-1MX Datasheet HTML 4Page - Texas Instruments LM5110-1MX Datasheet HTML 5Page - Texas Instruments LM5110-1MX Datasheet HTML 6Page - Texas Instruments LM5110-1MX Datasheet HTML 7Page - Texas Instruments LM5110-1MX Datasheet HTML 8Page - Texas Instruments LM5110-1MX Datasheet HTML 9Page - Texas Instruments LM5110-1MX Datasheet HTML 10Page - Texas Instruments LM5110-1MX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
-75 -50 -25
0
25 50 75 100 125 150 175
1.600
1.900
2.200
2.500
2.800
3.100
TEMPERATURE (°C)
0.150
0.210
0.270
0.330
0.450
0.390
VCCR
VCCF
VCCH
-75 -50 -25
0
25 50 75 100 125 150 175
17.5
20
22.5
25
27.5
30
32.5
TEMPERATURE (°C)
tD2
tD1
VCC = 12V
CL = 2200pF
0
3
6
9
12
15
18
SUPPLY VOLTAGE (V)
0.75
1.25
1.75
2.25
2.75
3.25
15
25
45
55
65
35
ROH
ROL
TA = 25°C
IOUT = 10mA
LM5110
www.ti.com
SNVS255A – MAY 2004 – REVISED MAY 2004
Typical Performance Characteristics (continued)
Delay Time vs Temperature
RDSON vs Supply Voltage
Figure 13.
Figure 14.
UVLO Thresholds and Hysteresis vs Temperature
Figure 15.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5110


Similar Part No. - LM5110-1MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5110-1MX NSC-LM5110-1MX Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110-1MX/NOPB TI-LM5110-1MX/NOPB Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
More results

Similar Description - LM5110-1MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
SM72482 TI-SM72482_15 Datasheet
731Kb / 15P
[Old version datasheet]   Dual 5A Compound Gate Driver
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111 TI-LM5111 Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
logo
National Semiconductor ...
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com