Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5116MHX Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5116MHX
Description  LM5116 Wide Range Synchronous Buck Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5116MHX Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5116MHX Datasheet HTML 2Page - Texas Instruments LM5116MHX Datasheet HTML 3Page - Texas Instruments LM5116MHX Datasheet HTML 4Page - Texas Instruments LM5116MHX Datasheet HTML 5Page - Texas Instruments LM5116MHX Datasheet HTML 6Page - Texas Instruments LM5116MHX Datasheet HTML 7Page - Texas Instruments LM5116MHX Datasheet HTML 8Page - Texas Instruments LM5116MHX Datasheet HTML 9Page - Texas Instruments LM5116MHX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
LM5116
SNVS499G – FEBRUARY 2007 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of -40°C to
+125°C and are provided for reference only. Unless otherwise specified, the following conditions apply: VIN = 48V, VCC =
7.4V, VCCX = 0V, EN = 5V, RT = 16 kΩ, no load on LO and HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PWM Comparators
tHO(OFF)
Forced HO Off-time
320
450
580
ns
tON(min)
Minimum HO On-time
VIN = 80V, CRAMP = 50 pF
100
ns
Oscillator
fSW1
Frequency 1
RT = 16 k
180
200
220
kHz
fSW2
Frequency 2
RT = 5 k
480
535
590
kHz
RT output voltage
1.191
1.215
1.239
V
RT sync positive threshold
3.0
3.5
4.0
V
Current Limit
Cycle-by-cycle Sense Voltage Threshold
VCS(TH)
VCCX = 0V, RAMP = 0V
94
110
126
mV
(CSG - CS)
Cycle-by-cycle Sense Voltage Threshold
VCS(THX)
VCCX = 5V, RAMP = 0V
105
122
139
mV
(CSG - CS)
CS Bias Current
CS = 100V
-1
1
µA
CS Bias Current
CS = 0V
90
125
µA
CSG Bias Current
CSG = 0V
90
125
µA
RT = 16 kΩ, (200 kHz), (256
Current Limit Fault Timer
1.28
ms
clock cycles)
RAMP Generator
IR1
RAMP Current 1
VIN = 60V, VOUT=10V
235
285
335
µA
IR2
RAMP Current 2
VIN = 10V, VOUT = 10V
21
28
35
µA
VOUT Bias Current
VOUT = 36V
200
µA
RAMP Output Low Voltage
VIN = 60V, VOUT = 10V
265
mV
Diode Emulation
SW Zero Cross Threshold
-6
mV
DEMB Output Current
DEMB = 0V, SS = 1.25V
1.6
2.7
3.8
µA
DEMB Output Current
DEMB =0V, SS = 2.8V
28
38
48
µA
DEMB = 0V, SS = Regulated
DEMB Output Current
45
65
85
µA
by FB
LO Gate Driver
VOLL
LO Low-state Output Voltage
ILO = 100 mA
0.08
0.17
V
ILO = -100 mA, VOHL = VCC -
VOHL
LO High-state Output Voltage
0.25
V
VLO
LO Rise Time
C-load = 1000 pF
18
ns
LO Fall Time
C-load = 1000 pF
12
ns
IOHL
Peak LO Source Current
VLO = 0V
1.8
A
IOLL
Peak LO Sink Current
VLO = VCC
3.5
A
HO Gate Driver
VOLH
HO Low-state Output Voltage
IHO = 100 mA
0.17
0.27
V
IHO = -100 mA, VOHH = VHB
VOHH
HO High-state Output Voltage
0.45
V
VHO
HO Rise Time
C-load = 1000 pF
19
ns
HO High-side Fall Time
C-load = 1000 pF
13
ns
IOHH
Peak HO Source Current
VHO = 0V
1
A
IOLH
Peak HO Sink Current
VHO = VCC
2.2
A
HB to SW under-voltage
3
V
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5116


Similar Part No. - LM5116MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5116MHX TI-LM5116MHX Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116MHX/NOPB TI-LM5116MHX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
More results

Similar Description - LM5116MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
LM25116 TI1-LM25116_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483C HMSEMI-HM1483C Datasheet
607Kb / 9P
   Wide Range Synchronous Buck Controller
logo
Lowpower Semiconductor ...
LP6496 POWER-LP6496 Datasheet
424Kb / 6P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI-LM25116 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI1-LM5116-HT Datasheet
636Kb / 34P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
SHOUDING Shouding Semic...
SDA2717E SHOUDING-SDA2717E Datasheet
801Kb / 10P
   Wide Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com