Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25011MYX Datasheet(PDF) 4 Page - Texas Instruments

Part # LM25011MYX
Description  42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25011MYX Datasheet(HTML) 4 Page - Texas Instruments

  LM25011MYX Datasheet HTML 1Page - Texas Instruments LM25011MYX Datasheet HTML 2Page - Texas Instruments LM25011MYX Datasheet HTML 3Page - Texas Instruments LM25011MYX Datasheet HTML 4Page - Texas Instruments LM25011MYX Datasheet HTML 5Page - Texas Instruments LM25011MYX Datasheet HTML 6Page - Texas Instruments LM25011MYX Datasheet HTML 7Page - Texas Instruments LM25011MYX Datasheet HTML 8Page - Texas Instruments LM25011MYX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM25011, LM25011-Q1
SNVS617G – APRIL 2009 – REVISED FEBRUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 12V, RT = 50 kΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input (VIN Pin)
IIN
Input operating current
Non-switching, FB = 3V
1200
1600
µA
UVLOVIN
VIN under-voltage lock-out threshold
VIN Increasing
4.6
5.3
5.9
V
VIN under-voltage lock-out threshold
200
mV
hysteresis
Switch Characteristics
RDS(ON)
Buck Switch RDS(ON)
ITEST = 200 mA
0.3
0.6
UVLOGD
Gate Drive UVLO
BST-SW
2.4
3.4
4.4
V
UVLOGD Hysteresis
350
mV
Pre-charge switch voltage
ITEST = 10 mA into SW pin
1.4
V
Pre-charge switch on-time
120
ns
Soft-Start Pin
VSS
Pull-up voltage
2.51
V
ISS
Internal current source
10
µA
VSS-SH
Shutdown Threshold
70
140
mV
Current Limit
VILIM
Threshold voltage at CS
-146
-130
-115
mV
CS bias current
FB = 3V
-120
µA
CSG bias current
FB = 3V
-35
µA
On Timer, RT Pin
tON - 1
On-time
VIN = 12V, RT = 50 kΩ
150
200
250
ns
tON - 2
On-time
VIN = 32V, RT = 50 kΩ
75
ns
tON - 3
On-time (current limit) LM25011
VIN = 12V, RT = 50 kΩ
100
ns
tON - 3
On-time (current limit) LM25011A
VIN = 12V, RT = 50 kΩ
200
ns
tON - 4
On-time
VIN = 12V, RT = 301 kΩ
1020
ns
tON - 5
On-time
VIN = 9V, RT = 30.9 kΩ
130
171
215
ns
tON - 6
On-time
VIN = 12V, RT = 30.9 kΩ
105
137
170
ns
tON - 7
On-time
VIN = 16V, RT = 30.9 kΩ
79
109
142
ns
Off Timer
tOFF
Minimum Off-time (LM25011)
90
150
208
ns
Minimum Off-time (LM25011A)
52
75
93
Regulation Comparator (FB Pin)
VREF
FB regulation threshold
SS pin = steady state
2.46
2.51
2.56
V
FB bias current
FB = 3V
100
nA
Power Good (PGD pin)
Threshold at FB, with respect to VREF
FB increasing
91
95
%
Threshold hysteresis
3.3
%
PGDVOL
Low state voltage
IPGD = 1mA, FB = 0V
125
180
mV
PGDLKG
Off state leakage
VPGD = 7V, FB = 3V
0.1
µA
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM25011 LM25011-Q1


Similar Part No. - LM25011MYX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25011MYX NSC-LM25011MYX Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MYX TI-LM25011MYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011MYX/NOPB TI-LM25011MYX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

Similar Description - LM25011MYX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com