Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS4229 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4229
Description  Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4229 Datasheet(HTML) 4 Page - Texas Instruments

  ADS4229 Datasheet HTML 1Page - Texas Instruments ADS4229 Datasheet HTML 2Page - Texas Instruments ADS4229 Datasheet HTML 3Page - Texas Instruments ADS4229 Datasheet HTML 4Page - Texas Instruments ADS4229 Datasheet HTML 5Page - Texas Instruments ADS4229 Datasheet HTML 6Page - Texas Instruments ADS4229 Datasheet HTML 7Page - Texas Instruments ADS4229 Datasheet HTML 8Page - Texas Instruments ADS4229 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
ADS4229
SBAS550B – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range, unless otherwise noted.
ADS4229
PARAMETER
MIN
NOM
MAX
UNIT
SUPPLIES
Analog supply voltage, AVDD
1.7
1.8
1.9
V
Digital supply voltage, DRVDD
1.7
1.8
1.9
V
ANALOG INPUTS
Differential input voltage range
2
VPP
Input common-mode voltage
VCM ± 0.05
V
Maximum analog input frequency with 2-VPP input amplitude
(1)
400
MHz
Maximum analog input frequency with 1-VPP input amplitude
(1)
600
MHz
CLOCK INPUT
Input clock sample rate
Low-speed mode enabled(2)
1
80
MSPS
Low-speed mode disabled(2) (by default after reset)
80
250
MSPS
Sine wave, ac-coupled
0.2
1.5
VPP
LVPECL, ac-coupled
1.6
VPP
Input clock amplitude differential
(VCLKP – VCLKM)
LVDS, ac-coupled
0.7
VPP
LVCMOS, single-ended, ac-coupled
1.5
V
Input clock duty cycle
Low-speed mode disabled
35
50
65
%
Low-speed mode enabled
40
50
60
%
DIGITAL OUTPUTS
Maximum external load capacitance from each output pin to DRGND, CLOAD
5
pF
Differential load resistance between the LVDS output pairs (LVDS mode), RLOAD
100
Ω
Operating free-air temperature, TA
–40
+85
°C
(1)
See the Theory of Operation section in the Application Information.
(2)
See the Serial Interface Configuration section for details on programming the low-speed mode.
HIGH-PERFORMANCE MODES(1)(2)
PARAMETER
DESCRIPTION
Set the HIGH PERF MODE[2:1] register bit to obtain best performance across sample clock and input signal
High-performance mode
frequencies.
Register address = 03h, data = 03h
Set the HIGH FREQ MODE CH A and HIGH FREQ MODE CH B register bits for high input signal frequencies
greater than 200 MHz.
High-frequency mode
Register address = 4Ah, data = 01h
Register address = 58h, data = 01h
Set the HIGH PERF MODE[2:7] bits to obtain best performance across input signal frequencies for sampling
rates greater than 160 MSPS.
Note that this mode changes VCM to 0.87 V from its default value of 0.95 V.
High-speed mode
Register address = 2h, data = 40h
Register address = D5h, data = 18h
Register address = D7h, data = 0Ch
Register address = DBh, data = 20h
(1)
It is recommended to use these modes to obtain best performance.
(2)
See the Serial Interface Configuration section for details on register programming.
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: ADS4229


Similar Part No. - ADS4229

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4229 TI1-ADS4229 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI-ADS4229 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
More results

Similar Description - ADS4229

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com