Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6042IMX Datasheet(PDF) 2 Page - Texas Instruments

Part # LMC6042IMX
Description  LMC6042 CMOS Dual Micropower Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6042IMX Datasheet(HTML) 2 Page - Texas Instruments

  LMC6042IMX Datasheet HTML 1Page - Texas Instruments LMC6042IMX Datasheet HTML 2Page - Texas Instruments LMC6042IMX Datasheet HTML 3Page - Texas Instruments LMC6042IMX Datasheet HTML 4Page - Texas Instruments LMC6042IMX Datasheet HTML 5Page - Texas Instruments LMC6042IMX Datasheet HTML 6Page - Texas Instruments LMC6042IMX Datasheet HTML 7Page - Texas Instruments LMC6042IMX Datasheet HTML 8Page - Texas Instruments LMC6042IMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LMC6042
SNOS611E – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Absolute Maximum Ratings
(1) (2)
Differential Input Voltage
±Supply Voltage
Supply Voltage (V+
− V)
16V
Output Short Circuit to V+
See (3)
Output Short Circuit to V
See (4)
Lead Temperature (Soldering, 10 seconds)
260°C
Current at Input Pin
±5 mA
Current at Output Pin
±18 mA
Current at Power Supply Pin
35 mA
Power Dissipation
See (5)
Storage Temperature Range
−65°C to +150°C
Junction Temperature (5)
110°C
ESD Tolerance (6)
500V
Voltage at Input/Output Pin
(V+) + 0.3V, (V)
− 0.3V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Conditions indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Do not connect output to V+when V+ is greater than 13V or reliability may be adversely affected.
(4)
Applies to both single-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 110°C. Output currents in excess of ±30 mA over long term may adversely affect reliability.
(5)
The maximum power dissipation is a function of TJ(Max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(Max) − TA)/θJA.
(6)
Human body model, 1.5 k
Ω in series with 100 pF.
Operating Ratings
Temperature Range
LMC6042AI, LMC6042I
−40°C ≤ TJ ≤ +85°C
Supply Voltage
4.5V
≤ V+ ≤ 15.5V
Power Dissipation
See (1)
Thermal Resistance (
θJA),
(2)
8-Pin PDIP
101°C/W
8-Pin SOIC
165°C/W
8-Pin CDIP
115°C/W
(1)
For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD = (TJ − TA)/θJA.
(2)
All numbers apply for packages soldered directly into a PC board.
Electrical Characteristics
Unless otherwise specified, all limits ensured for TA = TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
= 0V, V
CM = 1.5V, VO = V
+/2 and R
L > 1M unless otherwise specified.
Typical(1)
LMC6042AI
LMC6042I
Units
Symbol
Parameter
Conditions
(Limit)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
1
3
6
mV
3.3
6.3
Max
TCVOS
Input Offset Voltage
1.3
μV/°C
Average Drift
IB
Input Bias Current
0.002
4
4
pA (Max)
IOS
Input Offset Current
0.001
2
2
pA (Max)
RIN
Input Resistance
>10
Tera
Ω
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are specified at room temperature (standard type face) or at operating temperature extremes (bold face type).
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC6042


Similar Part No. - LMC6042IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6042IMX/NOPB TI1-LMC6042IMX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
LMC6042IMX/NOPB TI1-LMC6042IMX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
More results

Similar Description - LMC6042IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com