Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0002SQE Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH0002SQE
Description  LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0002SQE Datasheet(HTML) 1 Page - Texas Instruments

  LMH0002SQE Datasheet HTML 1Page - Texas Instruments LMH0002SQE Datasheet HTML 2Page - Texas Instruments LMH0002SQE Datasheet HTML 3Page - Texas Instruments LMH0002SQE Datasheet HTML 4Page - Texas Instruments LMH0002SQE Datasheet HTML 5Page - Texas Instruments LMH0002SQE Datasheet HTML 6Page - Texas Instruments LMH0002SQE Datasheet HTML 7Page - Texas Instruments LMH0002SQE Datasheet HTML 8Page - Texas Instruments LMH0002SQE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VCC
50:
LMH0002
SD/HD
VEE
SDO
SDI
SDI
RREF
VCC
SDO
750:
50:
0.1 PF
1.0 PF
1.0 PF
VCC
75:
75:
0.1 PF
75:
5.6 nH
75:
5.6 nH
4.7 PF
4.7 PF
VCC
SD/HD
Differential
Input
LMH0002
www.ti.com
SNLS215E – JANUARY 2006 – REVISED APRIL 2013
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
Check for Samples: LMH0002
1
FEATURES
APPLICATIONS
2
SMPTE 292M, SMPTE 344M and SMPTE 259M
SMPTE 292M, SMPTE 344M, and SMPTE 259M
Compliant
Serial Digital Interfaces
Supports DVB-ASI at 270 Mbps
Sonet/SDH and ATM Interfaces
Data Rates to 1.485 Gbps
Digital Routers and Switches
Differential Input
Distribution Amplifiers
75
Ω Differential Output
Buffer Applications
Selectable Slew Rate
Set Top Boxes
Adjustable Output Amplitude
Security Cameras
Single 3.3V Supply Operation
DESCRIPTION
Operating Temperature Range: Commercial
The LMH0002 SMPTE 292M / 259M serial digital
0°C to +70°C (LMH0002MA) or Industrial
−40°C
cable driver is a monolithic, high-speed cable driver
to +85°C (LMH0002TMA and LMH0002SQ)
designed for use in SMPTE 292M / 259M serial
Typical Power Consumption: 125 mW in SD
digital video and ITU-T G.703 serial digital data
Mode and 149 mW in HD Mode
transmission applications. The LMH0002 drives 75
transmission lines (Belden 8281, Belden 1694A or
8–pin SOIC or 16–pin WQFN Package
equivalent) at data rates up to 1.485 Gbps.
Replaces the GS1528, GS1528A, or GS1578A
The LMH0002 provides two selectable slew rates for
SMPTE 259M and SMPTE 292M compliance. The
output voltage swing is adjustable via a single
external resistor.
The LMH0002 is powered from a single 3.3V supply.
Power consumption is typically 125 mW in SD mode
and 149 mW in HD mode. The LMH0002 is available
in an 8-pin SOIC or 16-pin WQFN package.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH0002SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0002SQE TI-LMH0002SQE Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI1-LMH0002SQE Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI-LMH0002SQE Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE-NOPB TI1-LMH0002SQE-NOPB Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE/NOPB TI1-LMH0002SQE/NOPB Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
More results

Similar Description - LMH0002SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0002SQE TI1-LMH0002SQE Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI1-LMH0002MA Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI-LMH0002MA Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
[Old version datasheet]   SMPTE 292M / 259M Serial Digital Cable Driver
logo
National Semiconductor ...
CLC002 NSC-CLC002 Datasheet
446Kb / 4P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002_08 Datasheet
247Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002_0610 NSC-LMH0002_0610 Datasheet
495Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0202_0606 NSC-LMH0202_0606 Datasheet
503Kb / 6P
   Dual SMPTE 292M / 259M Serial Digital Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com