Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6624 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6624
Description  LMH6624/LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6624 Datasheet(HTML) 5 Page - Texas Instruments

  LMH6624 Datasheet HTML 1Page - Texas Instruments LMH6624 Datasheet HTML 2Page - Texas Instruments LMH6624 Datasheet HTML 3Page - Texas Instruments LMH6624 Datasheet HTML 4Page - Texas Instruments LMH6624 Datasheet HTML 5Page - Texas Instruments LMH6624 Datasheet HTML 6Page - Texas Instruments LMH6624 Datasheet HTML 7Page - Texas Instruments LMH6624 Datasheet HTML 8Page - Texas Instruments LMH6624 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LMH6624
www.ti.com
SNOSA42F – NOVEMBER 2002 – REVISED MARCH 2013
±6V Electrical Characteristics
Unless otherwise specified, all limits ensured at TA = 25°C, V
+ = 6V, V= −6V, V
CM = 0V, AV = +20, RF = 500Ω, RL = 100Ω.
Boldface limits apply at the temperature extremes. See
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
Dynamic Performance
fCL
−3dB BW
VO = 400mVPP (LMH6624)
95
MHz
VO = 400mVPP (LMH6626)
85
SR
Slew Rate (4)
VO = 2VPP, AV = +20 (LMH6624)
350
VO = 2VPP, AV = +20 (LMH6626)
320
V/
μs
VO = 2VPP, AV = +10 (LMH6624)
400
VO = 2VPP, AV = +10 (LMH6626)
360
tr
Rise Time
VO = 400mV Step, 10% to 90%
3.7
ns
tf
Fall Time
VO = 400mV Step, 10% to 90%
3.7
ns
ts
Settling Time 0.1%
VO = 2VPP (Step)
18
ns
Distortion and Noise Response
en
Input Referred Voltage Noise
f = 1MHz (LMH6624)
0.92
nV/
√Hz
f = 1MHz (LMH6626)
1.0
in
Input Referred Current Noise
f = 1MHz (LMH6624)
2.3
pA/
√Hz
f = 1MHz (LMH6626)
1.8
HD2
2nd Harmonic Distortion
fC = 10MHz, VO = 1VPP, RL 100Ω
−63
dBc
HD3
3rd Harmonic Distortion
fC = 10MHz, VO = 1VPP, RL 100Ω
−80
dBc
Input Characteristics
VOS
Input Offset Voltage
VCM = 0V
−0.5
±0.10
+0.5
mV
−0.7
+0.7
Average Drift (5)
VCM = 0V
±0.2
μV/°C
IOS
Input Offset Current Average Drift (LMH6624)
−1.1
0.05
1.1
μA
(5)
VCM = 0V
−2.5
2.5
(LMH6626)
−2.0
0.1
2.0
VCM = 0V
−2.5
2.5
VCM = 0V
0.7
nA/°C
IB
Input Bias Current
VCM = 0V
13
+20
μA
+25
Average Drift (5)
VCM = 0V
12
nA/°C
RIN
Input Resistance (6)
Common Mode
6.6
M
Differential Mode
4.6
k
CIN
Input Capacitance (6)
Common Mode
0.9
pF
Differential Mode
2.0
CMRR
Common Mode Rejection Ratio
Input Referred,
dB
VCM = −4.5 to +5.25V
90
95
VCM = −4.5 to +5.0V
87
Transfer Characteristics
AVOL
Large Signal Voltage Gain
(LMH6624)
77
81
RL = 100Ω, VO = −3V to +3V
72
dB
(LMH6626)
74
80
RL = 100Ω, VO = −3V to +3V
70
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute maximum ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical Values represent the most likely parametric norm.
(4)
Slew rate is the slowest of the rising and falling slew rates.
(5)
Average drift is determined by dividing the change in parameter at temperature extremes into the total temperature change.
(6)
Simulation results.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6624


Similar Part No. - LMH6624

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6624 NSC-LMH6624 Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624 NSC-LMH6624 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624 NSC-LMH6624 Datasheet
180Kb / 12P
   ULTRA LOW NOISE WIDEBAND OP AMP
logo
Texas Instruments
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
LMH6624 TI1-LMH6624 Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results

Similar Description - LMH6624

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6624 TI1-LMH6624_16 Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624 NSC-LMH6624 Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624-MIL TI1-LMH6624-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Single Ultra-Low-Noise Wideband Operational Amplifier
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
logo
NEC
UPC4574 NEC-UPC4574 Datasheet
300Kb / 10P
   QUAD ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com