Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6624MF Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6624MF
Description  LMH6624/LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6624MF Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6624MF Datasheet HTML 3Page - Texas Instruments LMH6624MF Datasheet HTML 4Page - Texas Instruments LMH6624MF Datasheet HTML 5Page - Texas Instruments LMH6624MF Datasheet HTML 6Page - Texas Instruments LMH6624MF Datasheet HTML 7Page - Texas Instruments LMH6624MF Datasheet HTML 8Page - Texas Instruments LMH6624MF Datasheet HTML 9Page - Texas Instruments LMH6624MF Datasheet HTML 10Page - Texas Instruments LMH6624MF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
5
1k
100k
10M
1G
FREQUENCY (Hz)
-5
-3
2
100M
1M
10k
4
3
1
0
-4
-2
-1
AV = +200
AV = +100
AV = +40
AV = +30
AV = +20
AV = +10
VS = ±6V
RF = 500:
VO = 2VPP
5
1k
100k
10M
1G
FREQUENCY (Hz)
-5
-2
2
100M
1M
10k
4
3
0
-1
-4
1
-3
VS = ±2.5V
RF = 500:
VO = 2VPP
AV = +200
AV = +100
AV = +40
AV = +30
AV = +10
AV = +20
5
1k
100k
10M
1G
FREQUENCY (Hz)
-4
-2
2
100M
1M
10k
4
3
1
0
-3
-1
-5
VS = ±2.5V
VIN = 5mVPP
RL = 100:
AV = -10
AV = -40
AV = -60
AV = -80
AV = -100
AV = -20
5
1k
100k
10M
1G
FREQUENCY (Hz)
-4
-2
2
100M
1M
10k
4
3
1
0
-3
-1
-5
VS = ±6V
VIN = 5mVPP
RL = 100:
AV = -10
AV = -40
AV = -60
AV = -80
AV = -100
AV = -20
LMH6624
www.ti.com
SNOSA42F – NOVEMBER 2002 – REVISED MARCH 2013
Typical Performance Characteristics
Voltage Noise
Current Noise
vs.
vs.
Frequency
Frequency
Figure 4.
Figure 5.
Inverting Frequency Response
Inverting Frequency Response
Figure 6.
Figure 7.
Non-Inverting Frequency Response
Non-Inverting Frequency Response
Figure 8.
Figure 9.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6624


Similar Part No. - LMH6624MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6624MF NSC-LMH6624MF Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624MF NSC-LMH6624MF Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
LMH6624MF TI1-LMH6624MF Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624MF/NOPB TI1-LMH6624MF/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
National Semiconductor ...
LMH6624MFX NSC-LMH6624MFX Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results

Similar Description - LMH6624MF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6624 TI1-LMH6624_16 Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624 NSC-LMH6624 Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624-MIL TI1-LMH6624-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Single Ultra-Low-Noise Wideband Operational Amplifier
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
logo
NEC
UPC4574 NEC-UPC4574 Datasheet
300Kb / 10P
   QUAD ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com