Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR10515XMFE Datasheet(PDF) 8 Page - Texas Instruments

Part # LMR10515XMFE
Description  LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR10515XMFE Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMR10515XMFE Datasheet HTML 4Page - Texas Instruments LMR10515XMFE Datasheet HTML 5Page - Texas Instruments LMR10515XMFE Datasheet HTML 6Page - Texas Instruments LMR10515XMFE Datasheet HTML 7Page - Texas Instruments LMR10515XMFE Datasheet HTML 8Page - Texas Instruments LMR10515XMFE Datasheet HTML 9Page - Texas Instruments LMR10515XMFE Datasheet HTML 10Page - Texas Instruments LMR10515XMFE Datasheet HTML 11Page - Texas Instruments LMR10515XMFE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
cv
S
R
R
Q
GND
FB
SW
VIN
EN
+
-
DRIVER
Artificial
Ramp
SHDN
Thermal
SHDN
OVP
1.6 MHz
Comp
Internal -
SENSE
I
LIMIT
I
LDO
Internal -
START
SOFT -
PFET
SENSE
I
ENABLE and UVLO
15
.
1
x
REF
V
Control Logic
VREF = 0.6V
LMR10515
SNVS728C – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Simplified Block Diagram
Figure 20.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMR10515


Similar Part No. - LMR10515XMFE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR10515XMFE TI-LMR10515XMFE Datasheet
457Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10515XMFE/NOPB TI1-LMR10515XMFE/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
More results

Similar Description - LMR10515XMFE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR10515 TI1-LMR10515_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10520 TI1-LMR10520_14 Datasheet
1,022Kb / 26P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 2.0A Step-Down Voltage Regulator in WSON
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10515 TI-LMR10515 Datasheet
457Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10530 TI-LMR10530_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 3.0A Step-Down Voltage Regulator in WSON-10
LMR10510 TI1-LMR10510_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10510 SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10510 TI-LMR10510 Datasheet
456Kb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and LLP
LMR12015 TI1-LMR12015 Datasheet
1Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1.5A/2A Step-Down Voltage Regulator in WSON-10
LMR12010 TI-LMR12010_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203_15 Datasheet
817Kb / 17P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com