Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM100RX-24S Datasheet(PDF) 9 Page - Powerex Power Semiconductors

Part # CM100RX-24S
Description  Six IGBT Brake NX-Series Module 100 Amperes/1200 Volts
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM100RX-24S Datasheet(HTML) 9 Page - Powerex Power Semiconductors

Back Button CM100RX-24S Datasheet HTML 5Page - Powerex Power Semiconductors CM100RX-24S Datasheet HTML 6Page - Powerex Power Semiconductors CM100RX-24S Datasheet HTML 7Page - Powerex Power Semiconductors CM100RX-24S Datasheet HTML 8Page - Powerex Power Semiconductors CM100RX-24S Datasheet HTML 9Page - Powerex Power Semiconductors CM100RX-24S Datasheet HTML 10Page - Powerex Power Semiconductors CM100RX-24S Datasheet HTML 11Page - Powerex Power Semiconductors CM100RX-24S Datasheet HTML 12Page - Powerex Power Semiconductors CM100RX-24S Datasheet HTML 13Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CM100RX-24S
Six IGBT + Brake NX-Series Module
100 Amperes/1200 Volts
9
03/13 Rev. 5
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
GATE RESISTANCE, R
G, (Ω)
102
100
101
101
100
VCC = 600V
VGE = ±15V
IC/IE = 100A
Tj = 150°C
Inductive Load
102
HALF-BRIDGE SWITCHING
CHARACTERISTICS
(INVERTER PART - TYPICAL)
VCC = 600V
VGE = ±15V
RG = 6.2
Tj = 150°C
Inductive Load
Eon
Eoff
Err
COLLECTOR CURRENT, I
C, (AMPERES)
EMITTER CURRENT, I
E, (AMPERES)
102
101
100
101
100
10-1
102
HALF-BRIDGE SWITCHING
CHARACTERISTICS
(INVERTER PART - TYPICAL)
Eon
Eoff
Err
VCC = 600V
VGE = ±15V
RG = 6.2
Tj = 125°C
Inductive Load
Eon
Eoff
Err
COLLECTOR CURRENT, I
C, (AMPERES)
EMITTER CURRENT, I
E, (AMPERES)
102
101
100
101
100
10-1
102
HALF-BRIDGE SWITCHING
CHARACTERISTICS
(INVERTER PART - TYPICAL)
GATE RESISTANCE, R
G, (Ω)
102
100
101
101
100
VCC = 600V
VGE = ±15V
IC/IE = 100A
Tj = 125°C
Inductive Load
102
HALF-BRIDGE SWITCHING
CHARACTERISTICS
(INVERTER PART - TYPICAL)
Eon
Eoff
Err


Similar Part No. - CM100RX-24S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM100RX-24S MITSUBISHI-CM100RX-24S Datasheet
548Kb / 13P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100RX-24S1 MITSUBISHI-CM100RX-24S1 Datasheet
811Kb / 13P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM100RX-24S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM150RX-24S POWEREX-CM150RX-24S Datasheet
1Mb / 13P
   Six IGBT Brake NX-Series Module 150 Amperes/1200 Volts
CM75RX-24S POWEREX-CM75RX-24S Datasheet
1Mb / 13P
   Six IGBT Brake NX-Series Module 75 Amperes/1200 Volts
CM100TX-24S POWEREX-CM100TX-24S Datasheet
1Mb / 9P
   Six IGBT NX-Series Module 100 Amperes/1200 Volts
CM150TX-24S POWEREX-CM150TX-24S Datasheet
1Mb / 9P
   Six IGBT NX-Series Module 150 Amperes/1200 Volts
CM75TX-24S POWEREX-CM75TX-24S Datasheet
1Mb / 9P
   Six IGBT NX-Series Module 75 Amperes/1200 Volts
CM75RX-34SA POWEREX-CM75RX-34SA Datasheet
1Mb / 13P
   Six IGBT Brake NX-Series Module 75 Amperes/1700 Volts
CM100RX-12A POWEREX-CM100RX-12A Datasheet
647Kb / 6P
   Six IGBTMOD Brake NX-Series Module 100 Amperes/600 Volts
CM150RX-12A POWEREX-CM150RX-12A Datasheet
576Kb / 6P
   Six IGBTMOD?? Brake NX-Series Module 150 Amperes/600 Volts
CM200RX-12A POWEREX-CM200RX-12A Datasheet
581Kb / 6P
   Six IGBTMOD Brake NX-Series Module 200 Amperes/600 Volts
CM100MXA-24S POWEREX-CM100MXA-24S Datasheet
1Mb / 15P
   NX-Series CIB Module 100 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com