Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5400HFS-EM Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5400HFS-EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS-EM Datasheet(HTML) 5 Page - Texas Instruments

  ADS5400HFS-EM Datasheet HTML 1Page - Texas Instruments ADS5400HFS-EM Datasheet HTML 2Page - Texas Instruments ADS5400HFS-EM Datasheet HTML 3Page - Texas Instruments ADS5400HFS-EM Datasheet HTML 4Page - Texas Instruments ADS5400HFS-EM Datasheet HTML 5Page - Texas Instruments ADS5400HFS-EM Datasheet HTML 6Page - Texas Instruments ADS5400HFS-EM Datasheet HTML 7Page - Texas Instruments ADS5400HFS-EM Datasheet HTML 8Page - Texas Instruments ADS5400HFS-EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
ADS5400-SP
www.ti.com
SLAS669C – SEPTEMBER 2010 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS (continued)
Typical values at TA = 25°C, minimum and maximum values over full temperature range TC,MIN = –55°C to TC,MAX = 125°C,
sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input,
and 1.5 VPP differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS/NOTES
MIN
TYP
MAX
UNIT
fIN = 125 MHz
62
72
fIN = 600 MHz
60
70
SFDR
Spurious-free dynamic range
fIN = 850 MHz
56
62.7
dBc
fIN = 1200 MHz
65.7
fIN = 1700 MHz
56
fIN = 125 MHz
62
78
fIN = 600 MHz
60
75
HD2
Second harmonic
fIN = 850 MHz
56
62.5
dBc
fIN = 1200 MHz
66
fIN = 1700 MHz
56
fIN = 125 MHz
62
78
fIN = 600 MHz
60
72
HD3
Third harmonic
fIN = 850 MHz
56
75
dBc
fIN = 1200 MHz
70
fIN = 1700 MHz
63
fIN = 125 MHz
62
80
fIN = 600 MHz
60
79
Worst harmonic/spur (other than HD2
fIN = 850 MHz
56
79
dBc
and HD3)
fIN = 1200 MHz
66
fIN = 1700 MHz
64
fIN = 125 MHz
60
71.7
fIN = 600 MHz
58
67
THD
Total Harmonic Distortion
fIN = 850 MHz
55
66.5
dBc
fIN = 1200 MHz
63.8
fIN = 1700 MHz
55.7
fIN = 125 MHz
53
57
fIN = 600 MHz
52.4
56.8
SINAD
Signal-to-noise and distortion
fIN = 850 MHz
50.8
55.8
dBFS
fIN = 1200 MHz
56.6
fIN = 1700 MHz
52.7
fIN1 = 247.5 MHz, fIN2 = 252.5 MHz,
74.6
each tone at –7 dBFS
fIN1 = 247.5 MHz, fIN2 = 252.5 MHz,
77.9
each tone at –11 dBFS
Two-tone SFDR
dBFS
fIN1 = 1197.5 MHz, fIN2 = 1202.5 MHz,
68.3
each tone at –7 dBFS
fIN1 = 1197.5 MHz, fIN2 = 1202.5 MHz,
73.7
each tone at –11 dBFS
fIN = 125 MHz
8.52
9.55
Effective number of bits (using
ENOB
fIN = 600 MHz
8.42
9.29
Bits
SINAD in dBFS)
fIN = 850 MHz
8.16
9.23
1.41
LSB rms
RMS idle-channel noise
Inputs tied to common-mode
60.2
dBFS
Copyright © 2010–2012, Texas Instruments Incorporated
5
Product Folder Links: ADS5400-SP


Similar Part No. - ADS5400HFS-EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5400HFS/EM TI1-ADS5400HFS/EM Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results

Similar Description - ADS5400HFS-EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP_15 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_2 Datasheet
1Mb / 50P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9217 AD-AD9217 Datasheet
71Kb / 2P
   12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
AD9213 AD-AD9213 Datasheet
2Mb / 110P
   12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com