Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM100MX-12A Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CM100MX-12A
Description  NX-Series CIB Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM100MX-12A Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CM100MX-12A Datasheet HTML 1Page - Powerex Power Semiconductors CM100MX-12A Datasheet HTML 2Page - Powerex Power Semiconductors CM100MX-12A Datasheet HTML 3Page - Powerex Power Semiconductors CM100MX-12A Datasheet HTML 4Page - Powerex Power Semiconductors CM100MX-12A Datasheet HTML 5Page - Powerex Power Semiconductors CM100MX-12A Datasheet HTML 6Page - Powerex Power Semiconductors CM100MX-12A Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CM100MX-12A
NX-Series CIB Module
(3Ø Converter + 3Ø Inverter + Brake)
100 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
2
Rev. 11/11
Absolute Maximum Ratings,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
CM100MX-12A
Units
Inverter Part IGBT/FWDi
Collector-Emitter Voltage (G-E Short)
VCES
600
Volts
Gate-Emitter Voltage (C-E Short)
VGES
±20
Volts
Collector Current (DC, TC = 75°C)*2,*4
IC
100
Amperes
Collector Current (Pulse)*3
ICRM
200
Amperes
Total Power Dissipation (TC = 25°C)*2,*4
Ptot
400
Watts
Emitter Current*2
IE*1
10
Amperes
Emitter Current (Pulse)*3
IERM*1
200
Amperes
Brake Part IGBT/ClampDi
Collector-Emitter Voltage (G-E Short)
VCES
600
Volts
Gate-Emitter Voltage (C-E Short)
VGES
±20
Volts
Collector Current (DC, TC = 97°C)*2,*4
IC
50
Amperes
Collector Current (Pulse)*3
ICRM
100
Amperes
Total Power Dissipation (TC = 25°C)*2,*4
Ptot
280
Watts
Repetitive Peak Reverse Voltage
VRRM
600
Volts
Forward Current (TC = 25°C)*2
IF
50
Amperes
Forward Current (Pulse)*3
IFRM
100
Amperes
Converter Part ConvDi
Repetitive Peak Reverse Voltage
VRRM
800
Volts
Recommended AC Input Voltage
Ea
220
Volts
DC Output Current (3-Phase Full Wave Rectifying, f = 60Hz,TC = 125°C)*2,*4
IO
100
Amperes
Surge Forward Current (Sine Half-wave 1 Cycle Peak Value, f = 60Hz, Non-repetitive)
IFSM
1000
Amperes
Current Square Time (Value for One Cycle of Surge Current)
I2t
4160
A2s
Module
Isolation Voltage (Charged Part to Baseplate, RMS, f = 60Hz, AC 1 min.)
VISO
2500
Volts
Junction Temperature
Tj
-40 ~ +150
°C
Storage Temperature
Tstg
-40 ~ +125
°C
*1 Represent ratings and characteristics of the anti-parallel, emitter-to-collector free wheeling diode (FWDi).
*2 Junction temperature (Tj) should not increase beyond maximum junction temperature (Tj(max)) rating.
*3 Pulse width and repetition rate should be such that device junction temperature (Tj) does not exceed Tj(max) rating.
*4 Case temperature (TC) and heatsink temperature (Ts) is measured on the surface (mounting side) of the baseplate
and the heatsink side just under the chips. Refer to the figure to the right for chip location.
The heatsink thermal resistance should be measured just under the chips.
0
0
1
2
3 4 5
6
7 8
9 10 11 12 13 14 15 16 17 18 19 20 21 22
53
54
55
56
57
58
59
60
61
30
29
28
27
26
25
24
23
52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31
VP
WP
WN
Br
VN
UN
UP
29.2 30.0
44.8
25.8
43.2
26.8
29.8
Th
21.6
15.6
22.6
37.4
Dimensions in mm (Tolerance: ±1mm)
IGBT
FWDi
Converter Diode
NTC Thermistor
Chip Location (Top View)
UP
TN
RP
SP
TP
SN
RN
VP
WP
WN
VN
UN
Br


Similar Part No. - CM100MX-12A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM100MX-12A MITSUBISHI-CM100MX-12A Datasheet
225Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM100MX-12A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM100MXA-24S POWEREX-CM100MXA-24S Datasheet
1Mb / 15P
   NX-Series CIB Module 100 Amperes/1200 Volts
CM75MX-12A POWEREX-CM75MX-12A Datasheet
778Kb / 7P
   NX-Series CIB Module 75 Amperes/600 Volts
CM75MXA-24S POWEREX-CM75MXA-24S_13 Datasheet
1Mb / 15P
   NX-Series CIB Module 75 Amperes/1200 Volts
logo
ON Semiconductor
NXH35C120L2C2SG ONSEMI-NXH35C120L2C2SG Datasheet
277Kb / 9P
   TMPIM 35 A CIB/CI Module
February, 2020 ??Rev. P2
NXH35C120L2C2ESG ONSEMI-NXH35C120L2C2ESG_V01 Datasheet
615Kb / 9P
   TMPIM 35 A Enhances CIB Module
October, 2020 - Rev. 1
NXH50C120L2C2ESG ONSEMI-NXH50C120L2C2ESG_V01 Datasheet
420Kb / 12P
   TMPIM 50 A CIB/CI Module
October, 2020 - Rev. 1
NXH25C120L2C2SG ONSEMI-NXH25C120L2C2SG Datasheet
300Kb / 10P
   TMPIM 25 A CIB Module
July, 2020 ??Rev. 1
NXH35C120L2C2ESG ONSEMI-NXH35C120L2C2ESG Datasheet
690Kb / 9P
   TMPIM 35 A Enhances CIB Module
March, 2020 ??Rev. 0
NXH50C120L2C2ESG ONSEMI-NXH50C120L2C2ESG Datasheet
403Kb / 12P
   TMPIM 50 A CIB/CI Module
March, 2020 ??Rev. 0
logo
Powerex Power Semicondu...
CP10TD1-24A POWEREX-CP10TD1-24A Datasheet
336Kb / 6P
   DIP-CIB
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com