Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2064813-6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2064813-6
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2064813-6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2064813-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2064813-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2064813-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2064813-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2064813-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2064813-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2064813-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2064813-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2064813-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
2
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
Disclaimer
While TE has made every reasonable
effort to ensure the accuracy of the
information in this catalog, TE does
not guarantee that it is error-free, nor
does TE make any other representation,
warranty or guarantee that the informa-
tion is accurate, correct, reliable or
current. TE reserves the right to make
any adjustments to the information
contained herein at any time without
notice. TE expressly disclaims all implied
warranties regarding the information
contained herein, including, but not
limited to, any implied warranties of
merchantability or fitness for a particular
purpose. The dimensions in this catalog
are for reference purposes only and
are subject to change without notice.
Specifications are subject to change
without notice. Consult TE for the latest
dimensions and design specifications.
© 2012, 2010, 2007, 2006 and 2004
Tyco Electronics Corporation.
All Rights Reserved.
AMP, AMP NETCONNECT, AMPTRAC,
ARMOR-LIGHT, CORELINK, DUALAN,
FIBRBOSS, FIST, FOSC, FSD, LC SECURE,
LIGHTCRIMP, LIGHTCRIMP PLUS,
LIGHTRAY, LIGHTRAY MPX,
LIGHTRAY OFX, MPO SECURE,
MT-RJ SECURE, NETCONNECT,
PARALIGHT, PARA-OPTIX, PRO BEAM,
PRO-CRIMPER, TE Connectivity and the
TE connectivity (logo) are trademarks
of the TE Connectivity Ltd. family of
companies.
Other logos, product and Company
names mentioned herein may be
trademarks of their respective owners.
Introduction
Restriction on the use of Hazardous Substances (RoHS)
At TE, we’re ready to support your RoHS requirements. We’ve assessed more than 1.5
million end items/components for RoHS compliance, and issued new part numbers
where any change was required to eliminate the restricted materials. Part numbers in
this catalog are identified as:
RoHS Compliant — Part numbers in this catalog are RoHS Compliant, unless
marked otherwise. These products comply with European Union Directive 2002/95/EC
as amended 1 January 2006 that restricts the use of lead, mercury, cadmium, hexava-
lent chromium, PBB, and PBDE in certain electrical and electronic products sold into
the EU as of 1 July 2006.
NOTE: For purposes of this Catalog, included within the definition of RoHS Compliant
are products that are clearly “Out of Scope” of the RoHS Directive such as hand tools
and other non-electrical accessories.
Non-RoHS Compliant — These part numbers are identified with a “
” symbol.
These products do not comply with the material restrictions of the European Union
Directive 2002/95/EC.
NOTE: Information regarding RoHS compliance is provided based on reasonable
inquiry of our suppliers and represents our current actual knowledge based on the
information provided by our suppliers. This information is subject to change. For latest
compliance status, refer to our website referenced at right.
Getting the Information You Need
Our comprehensive on-line RoHS Customer Support Center provides a forum to
answer your questions and support your RoHS needs. A RoHS FAQ (Frequently Asked
Questions) is available with links to more detailed information. You can also submit
RoHS questions and receive a response within 24 hours during a normal work week.
The Support Center also provides:
I
Cross-Reference from
Non-compliant to Compliant Products
I
Ability to browse RoHS Compliant Products in our
on-line catalog
I
Downloadable Technical Data Customer Information
Presentation
I
More detailed information regarding the definitions
used above
I
So whatever your questions when it comes to RoHS,
we have the answers at www.te.com/leadfree
RoHS
Customer
Support
Center
TE Connectivity is a globally
recognized preeminent
supplier of fiber optic con-
nectors and interconnection
devices. We offer an exten-
sive variety of optical con-
nectors, cable assemblies,
fiber management systems,
and optoelectronic active
and passive components —
connectivity solutions.
With unparalleled, world-
class technologies and
high quality products, TE
demonstrates its commit-
ment to satisfying all types
of customers. Our sales
service and support is
available globally via
an extensive network of
TE sales engineers, field
program managers, and
applications engineers.
Additional Fiber Optic products available through TE:
Rugged Fiber Optic products can be found in Catalog 1308940
(Connectors for Aerospace, Defense and Marine)
Netconnect Fiber Optic products can be found in Catalog 82164
(AMP Netconnect Product Catalog)


Similar Part No. - 2064813-6

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
List of Unclassifed Man...
2064 ETC2-2064 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
logo
Heyco.
2064 HEYCO-2064 Datasheet
133Kb / 1P
   Snap Bushings
logo
Christian Bürkert GmbH ...
2064 BURKERT-2064 Datasheet
992Kb / 16P
   T-diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
30.08.2023
logo
RAF ELECTRONIC HARDWARE
2064-440-AL RAF-2064-440-AL Datasheet
130Kb / 1P
   3/16 HEX FEMALE STANDOFFS
More results

Similar Description - 2064813-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com