Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM75TX-24S Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # CM75TX-24S
Description  Six IGBT NX-Series Module 75 Amperes/1200 Volts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM75TX-24S Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  CM75TX-24S Datasheet HTML 1Page - Powerex Power Semiconductors CM75TX-24S Datasheet HTML 2Page - Powerex Power Semiconductors CM75TX-24S Datasheet HTML 3Page - Powerex Power Semiconductors CM75TX-24S Datasheet HTML 4Page - Powerex Power Semiconductors CM75TX-24S Datasheet HTML 5Page - Powerex Power Semiconductors CM75TX-24S Datasheet HTML 6Page - Powerex Power Semiconductors CM75TX-24S Datasheet HTML 7Page - Powerex Power Semiconductors CM75TX-24S Datasheet HTML 8Page - Powerex Power Semiconductors CM75TX-24S Datasheet HTML 9Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CM75TX-24S
Six IGBT NX-Series Module
75 Amperes/1200 Volts
6
03/13 Rev. 4
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
100
102
102
101
100
10-2
10-1
101
VGE = 0V
Cies
Coes
Cres
10-1
COLLECTOR CURRENT, I
C, (AMPERES)
103
100
101
102
100
101
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
RG = 8.2
Tj = 125°C
Inductive Load
tf
102
COLLECTOR CURRENT, I
C, (AMPERES)
103
100
101
102
100
101
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
RG = 8.2
Tj = 150°C
Inductive Load
tf
102
EXTERNAL GATE RESISTANCE, R
G, ( )
103
100
101
101
102
SWITCHING TIME VS.
GATE RESISTANCE
(TYPICAL)
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
IC = 75A
Tj = 125°C
Inductive Load
tf
102


Similar Part No. - CM75TX-24S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75TX-24S MITSUBISHI-CM75TX-24S Datasheet
426Kb / 10P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM75TX-24S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM75RX-24S POWEREX-CM75RX-24S Datasheet
1Mb / 13P
   Six IGBT Brake NX-Series Module 75 Amperes/1200 Volts
CM150TX-24S POWEREX-CM150TX-24S Datasheet
1Mb / 9P
   Six IGBT NX-Series Module 150 Amperes/1200 Volts
CM100TX-24S POWEREX-CM100TX-24S Datasheet
1Mb / 9P
   Six IGBT NX-Series Module 100 Amperes/1200 Volts
CM100RX-24S POWEREX-CM100RX-24S Datasheet
1Mb / 13P
   Six IGBT Brake NX-Series Module 100 Amperes/1200 Volts
CM150RX-24S POWEREX-CM150RX-24S Datasheet
1Mb / 13P
   Six IGBT Brake NX-Series Module 150 Amperes/1200 Volts
CM75RX-34SA POWEREX-CM75RX-34SA Datasheet
1Mb / 13P
   Six IGBT Brake NX-Series Module 75 Amperes/1700 Volts
CM75MXA-24S POWEREX-CM75MXA-24S_13 Datasheet
1Mb / 15P
   NX-Series CIB Module 75 Amperes/1200 Volts
CM75TF-24H POWEREX-CM75TF-24H Datasheet
63Kb / 4P
   Six-IGBT IGBTMOD 75 Amperes/1200 Volts
CM600DXL-24S POWEREX-CM600DXL-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 600 Amperes/1200 Volts
CM1000DXL-24S POWEREX-CM1000DXL-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 1000 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com