Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC74WL125ASR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC74WL125ASR
Description  CMOS Logic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WL125ASR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC74WL125ASR_12 Datasheet HTML 1Page - Torex Semiconductor XC74WL125ASR_12 Datasheet HTML 2Page - Torex Semiconductor XC74WL125ASR_12 Datasheet HTML 3Page - Torex Semiconductor XC74WL125ASR_12 Datasheet HTML 4Page - Torex Semiconductor XC74WL125ASR_12 Datasheet HTML 5Page - Torex Semiconductor XC74WL125ASR_12 Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
XC74WL125ASR
CMOS Logic
INPUT
OUTPUT
G
A
Y
H
X
Z
L
H
H
L
L
L
PARAMETER
SYMBOL
RATINGS
UNITS
Supply Voltage
VCC
-0.5~+6.0
V
Input Voltage
VIN
-0.5~+6.0
V
Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Diode Current
IIK
-20
mA
Output Diode Current
IOK
±
20
mA
Output Current
IOUT
±
25
mA
VCC,GND Current
ICC,IGND
±
50
mA
Power Dissipation (Ta = 25℃)
Pd
300
mW
Storage Temperature Range
Tstg
-65~+150
GENERAL DESCRIPTION
XC74WL125ASR is dual bus buffer manufactured using silicon gate CMOS processes. The small supply current, which is
one of the features of the CMOS logic, gives way to high speed operations which enables LS-TTL.
With wave forming buffers connected internally, stabilized output can be achieved as the series offers high noise immunity.
As the series is integrated into a mini molded, MSOP-8B package, high density mounting is possible.
PIN CONFIGURATION
FEATURES
High Speed Operations : tpd = 3.8ns(TYP.) (VCC=5V)
Operating Voltage Range : 2V ~ 5.5V
Low Power Consumption: 2μA (MAX.)
CMOS Logic Dual Bus Buffer
Small Package
: MSOP-8B
FUNCTIONS
APPLICATIONS
Palmtops
Digital equipment
ABSOLUTE MAXIMUM RATINGS
Note : Voltage is all ground standardized.
Ta=-40℃~85℃
H=High level
L=Low level
X=Don’t care
Z=High impedance
MOSP-8
(TOP VIEW)
ETR1320_001


Similar Part No. - XC74WL125ASR_12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74WL125ASR-12 TOREX-XC74WL125ASR-12 Datasheet
203Kb / 6P
   CMOS Logic
More results

Similar Description - XC74WL125ASR_12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL08AA TOREX-XC74UL08AA Datasheet
113Kb / 3P
   CMOS LOGIC
XC74UL32AA TOREX-XC74UL32AA Datasheet
109Kb / 3P
   CMOS Logic
XC74WL125ASR TOREX-XC74WL125ASR_15 Datasheet
203Kb / 6P
   CMOS Logic
XC74UL00AA TOREX-XC74UL00AA_15 Datasheet
155Kb / 4P
   CMOS Logic
XC74UL4066_002 TOREX-XC74UL4066_002 Datasheet
351Kb / 11P
   CMOS Logic
XC74WL14AASR_001 TOREX-XC74WL14AASR_001 Datasheet
146Kb / 4P
   CMOS Logic
XC74WL32AASR_001 TOREX-XC74WL32AASR_001 Datasheet
145Kb / 4P
   CMOS Logic
XC74WL86AASR_001 TOREX-XC74WL86AASR_001 Datasheet
149Kb / 4P
   CMOS Logic
XC74WL126ASR_001 TOREX-XC74WL126ASR_001 Datasheet
198Kb / 6P
   CMOS Logic
XC74WL240ASR_001 TOREX-XC74WL240ASR_001 Datasheet
199Kb / 6P
   CMOS Logic
XC74WL4066SR_001 TOREX-XC74WL4066SR_001 Datasheet
234Kb / 11P
   CMOS Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com