Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3990TL-2.8 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3990TL-2.8
Description  LP3990 150mA Linear Voltage Regulator for Digital Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3990TL-2.8 Datasheet(HTML) 2 Page - Texas Instruments

  LP3990TL-2.8 Datasheet HTML 1Page - Texas Instruments LP3990TL-2.8 Datasheet HTML 2Page - Texas Instruments LP3990TL-2.8 Datasheet HTML 3Page - Texas Instruments LP3990TL-2.8 Datasheet HTML 4Page - Texas Instruments LP3990TL-2.8 Datasheet HTML 5Page - Texas Instruments LP3990TL-2.8 Datasheet HTML 6Page - Texas Instruments LP3990TL-2.8 Datasheet HTML 7Page - Texas Instruments LP3990TL-2.8 Datasheet HTML 8Page - Texas Instruments LP3990TL-2.8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
VIN
GND
6
5
VEN
4
N/C
1
VOUT
2
Gnd
3
N/C
VIN
GND
6
5
VEN
4
N/C
1
VOUT
2
Gnd
3
N/C
Top View
Bottom View
Bottom View
Top View
B1
A1
B2
A2
VIN
VOUT
VEN
GND
B1
A1
B2
A2
VIN
VOUT
VEN
GND
LP3990
SNVS251I – MAY 2004 – REVISED MAY 2013
www.ti.com
PIN DESCRIPTIONS
Pin No
Symbol
Name and Function
WQFN
DSBGA
SOT-23
5
A2
3
VEN
Enable Input; Enables the Regulator when
≥ 0.95V.
Disables the Regulator when
≤ 0.4V.
Enable Input has 1M
Ω pulldown resistor to GND.
2
A1
2
GND
Common Ground. Connect to Pad.
1
B1
5
VOUT
Voltage output. A 1.0µF Low ESR Capacitor should be connected to this Pin.
Connect this output to the load circuit.
6
B2
1
VIN
Voltage Supply Input. A 1.0µF capacitor should be connected at this input.
3
4
N/C
No Connection. Do not connect to any other pin.
4
N/C
No Connection. Do not connect to any other pin.
Pad
GND
Common Ground. Connect to Pin 2.
Connection Diagram
DSBGA, 4 Bump Package
See Package Number YZR0004
WQFN-6 Package
See Package Number NGG0006A
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3990


Similar Part No. - LP3990TL-2.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990TL-2.8 NSC-LP3990TL-2.8 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990TL-2.8 TI-LP3990TL-2.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990TL-2.8/NOPB TI1-LP3990TL-2.8/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990TL-2.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
[Old version datasheet]   LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com