Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ12010TZE Datasheet(PDF) 1 Page - Texas Instruments

Part # LMZ12010TZE
Description  LMZ12010 10A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12010TZE Datasheet(HTML) 1 Page - Texas Instruments

  LMZ12010TZE Datasheet HTML 1Page - Texas Instruments LMZ12010TZE Datasheet HTML 2Page - Texas Instruments LMZ12010TZE Datasheet HTML 3Page - Texas Instruments LMZ12010TZE Datasheet HTML 4Page - Texas Instruments LMZ12010TZE Datasheet HTML 5Page - Texas Instruments LMZ12010TZE Datasheet HTML 6Page - Texas Instruments LMZ12010TZE Datasheet HTML 7Page - Texas Instruments LMZ12010TZE Datasheet HTML 8Page - Texas Instruments LMZ12010TZE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LMZ12010
www.ti.com
SNVS667F – FEBRUARY 2010 – REVISED MARCH 2013
LMZ12010 10A SIMPLE SWITCHER® Power Module with 20V Maximum Input Voltage
Check for Samples: LMZ12010
1
FEATURES
ELECTRICAL SPECIFICATIONS
2
Integrated Shielded Inductor
50W Maximum Total Output Power
Simple PCB Layout
Up to 10A Output Current
Fixed Switching Frequency (350 kHz)
Input Voltage Range 6V to 20V
Flexible Startup Sequencing Using External
Output Voltage Range 0.8V to 6V
Soft-start, Tracking and Precision Enable
Efficiency up to 92%
Protection Against Inrush Currents and Faults
such as Input UVLO and Output Short Circuit
PERFORMANCE BENEFITS
– 40°C to 125°C Junction Temperature Range
High Efficiency Reduces System Heat
Single Exposed Pad and Standard Pinout for
Generation
Easy Mounting and Manufacturing
Low Radiated Emissions (EMI) Complies with
Fully Enabled for Webench® Power Designer
EN55022 (2)
Pin Compatible with LMZ22010/08/06,
Only 7 External Components
LMZ12008/06, LMZ23610/08/06, and
Low Output Voltage Ripple
LMZ13610/08/06
No External Heat Sink Required
APPLICATIONS
DESCRIPTION
Point of Load Conversions from 12V Input Rail
The LMZ12010 SIMPLE SWITCHER© power module
Time Critical Projects
is an easy-to-use step-down DC-DC solution capable
Space Constrained / High Thermal
of driving up to 10A load. The LMZ12010 is available
Requirement Applications
in an innovative package that enhances thermal
performance
and
allows
for
hand
or
machine
Negative Output Voltage Applications
soldering.
See AN-2027 SNVA425.
The LMZ12010 can accept an input voltage rail
between 6V and 20V and deliver an adjustable and
highly accurate output voltage as low as 0.8V. The
LMZ12010 only requires two external resistors and
external capacitors to complete the power solution.
The LMZ12010 is a reliable and robust design with
the following protection features: thermal shutdown,
programmable input under-voltage lockout, output
over-voltage protection, short-circuit protection, output
current limit, and allows startup into a pre-biased
output.
Figure 1. Easy to use 11 pin package
PFM 11 Pin Package
15 x 17.79 x 5.9 mm (0.59 x 0.7 x 0.232 in)
θJA = 9.9 °C/W, θJC = 1.0 °C/W
(1)
RoHS Compliant
(2)
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B, tested on
(1)
θJA measured on a 75mm x 90 mm four-layer PCB.
Evaluation Board with EMI configuration.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMZ12010TZE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12010TZE NSC-LMZ12010TZE Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12010TZE TI1-LMZ12010TZE Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010TZE/NOPB TI1-LMZ12010TZE/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
More results

Similar Description - LMZ12010TZE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12003 NSC-LMZ12003_1 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12002 NSC-LMZ12002_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ13610 TI1-LMZ13610_14 Datasheet
1Mb / 27P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com