Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-1437290-1 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 4-1437290-1
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1437290-1 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 4-1437290-1 Datasheet HTML 4Page - Tyco Electronics 4-1437290-1 Datasheet HTML 5Page - Tyco Electronics 4-1437290-1 Datasheet HTML 6Page - Tyco Electronics 4-1437290-1 Datasheet HTML 7Page - Tyco Electronics 4-1437290-1 Datasheet HTML 8Page - Tyco Electronics 4-1437290-1 Datasheet HTML 9Page - Tyco Electronics 4-1437290-1 Datasheet HTML 10Page - Tyco Electronics 4-1437290-1 Datasheet HTML 11Page - Tyco Electronics 4-1437290-1 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Product Specification
108-78140
Rev. A8
8 of 41
No.
ITEM
MEASUREMENT
METHOD
PERFORMANCE
7.8
Leak
curent
Peak
value
of
leak
curent
and
integrated
quantity
are
measured
while
DC
28
volt
is
applied
with
the
circuit
shown
in
Fig.3.
The
wire
used
for
testing
should
be
minimum
size.
Fig.
3
Peak
Value:
100μA
or
less


Similar Part No. - 4-1437290-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1437290-1 MACOM-4-1437290-1 Datasheet
2Mb / 28P
   AMP SUPERSEAL Connectors
More results

Similar Description - 4-1437290-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1437287-8 MACOM-9-1437287-8 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
logo
PHOENIX CONTACT
2203749 PHOENIX-2203749 Datasheet
75Kb / 4P
   Seal - DCS D-SEAL 3,0MM
09/12/2020
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
   Seal
logo
PHOENIX CONTACT
1400374 PHOENIX-1400374 Datasheet
65Kb / 3P
   Seal - VS-ASI-FC-SEAL-HP
09/11/2020
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
   FEEDTHROUGH SEAL
logo
Rosenberger Hochfrequen...
59K14B-1M4 ROSENBERGER-59K14B-1M4 Datasheet
538Kb / 1P
   CABLE SEAL
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
   GLASS-SEAL
logo
PHOENIX CONTACT
1410695 PHOENIX-1410695 Datasheet
58Kb / 2P
   Seal - SAC-VP-SEAL-SIL/RD OD
logo
Rosenberger Hochfrequen...
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
   Glass Seal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com