Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM75MX-12A Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM75MX-12A
Description  NX-Series CIB Module 75 Amperes/600 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM75MX-12A Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM75MX-12A Datasheet HTML 1Page - Powerex Power Semiconductors CM75MX-12A Datasheet HTML 2Page - Powerex Power Semiconductors CM75MX-12A Datasheet HTML 3Page - Powerex Power Semiconductors CM75MX-12A Datasheet HTML 4Page - Powerex Power Semiconductors CM75MX-12A Datasheet HTML 5Page - Powerex Power Semiconductors CM75MX-12A Datasheet HTML 6Page - Powerex Power Semiconductors CM75MX-12A Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CM75MX-12A
NX-Series CIB Module
(3Ø Converter + 3Ø Inverter + Brake)
75 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
3
Rev. 11/11
Electrical Characteristics,
Tj = 25°C unless otherwise specified
Inverter Part IGBT/FWDi
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector Cutoff Current
ICES
VCE = VCES, VGE = 0V
1.0
mA
Gate Leakage Current
IGES
VGE = VGES, VCE = 0V
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 7.5mA, VCE = 10V
5
6
7
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
Tj = 25°C, IC = 75A, VGE = 15V*5
1.7
2.1
Volts
Tj = 125°C, IC = 75A, VGE = 15V*5
1.9
Volts
IC = 75A, VGE = 15V, Chip*5
1.6
Volts
Input Capacitance
Cies
7.5
nF
Output Capacitance
Coes
VCE = 10V, VGE = 0V
1.0
nF
Reverse Transfer Capacitance
Cres
0.3
nF
Total Gate Charge
QG
VCC = 300V, IC = 75A, VGE = 15V
200
nC
Inductive
Turn-on Delay Time
td(on)
100
ns
Load
Turn-on Rise Time
tr
VCC = 300V, IC = 75A, VGE = ±15V,
100
ns
Switch
Turn-off Delay Time
td(off)
RG = 8.2Ω, Inductive Load
300
ns
Time
Turn-off Fall Time
tf
600
ns
Emitter-Collector Voltage
VEC*1
Tj = 25°C, IE = 75A, VGE = 0V*5
2.0
2.8
Volts
Tj = 125°C, IE = 75A, VGE = 0V*5
1.95
Volts
IE = 75A, VGE = 0V, Chip
1.9
Volts
Reverse Recovery Time
trr*1
VCC = 300V, IE = 75A, VGE = ±15V
200
ns
Reverse Recovery Charge
Qrr*1
RG = 8.2Ω, Inductive Load
1.8
µC
Internal Gate Resistance
rg
TC = 25°C, Per Switch
0
External Gate Resistance
RG
8.0
83
*1 Represent ratings and characteristics of the anti-parallel, emitter-to-collector free wheeling diode (FWDi).
*5 Pulse width and repetition rate should be such as to cause negligible temperature rise.


Similar Part No. - CM75MX-12A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75MX-12A MITSUBISHI-CM75MX-12A Datasheet
222Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75MX-12A MITSUBISHI-CM75MX-12A_12 Datasheet
279Kb / 8P
   HIGH POWER SWITCHING USE
More results

Similar Description - CM75MX-12A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM75MXA-24S POWEREX-CM75MXA-24S_13 Datasheet
1Mb / 15P
   NX-Series CIB Module 75 Amperes/1200 Volts
CM100MXA-24S POWEREX-CM100MXA-24S Datasheet
1Mb / 15P
   NX-Series CIB Module 100 Amperes/1200 Volts
QIS0660004 POWEREX-QIS0660004 Datasheet
640Kb / 5P
   Single IGBTMOD NX-Series Module 600 Amperes/600 Volts
CM75TX-24S POWEREX-CM75TX-24S Datasheet
1Mb / 9P
   Six IGBT NX-Series Module 75 Amperes/1200 Volts
CM600DXL-24S POWEREX-CM600DXL-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 600 Amperes/1200 Volts
CM100MX-12A POWEREX-CM100MX-12A Datasheet
788Kb / 7P
   NX-Series CIB Module
CP30TD1-12A POWEREX-CP30TD1-12A Datasheet
325Kb / 6P
   DIP-CIB 30 Amperes/600 Volts
QIS1260015 POWEREX-QIS1260015 Datasheet
600Kb / 5P
   Single IGBTMOD NX-Series Module 600 Amperes/1200 Volts
QID0640020 POWEREX-QID0640020 Datasheet
642Kb / 5P
   Dual IGBTMOD NX-Series Module 400 Amperes/600 Volts
CM600DXL-34SA POWEREX-CM600DXL-34SA Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 600 Amperes/1700 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com