Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCH32245 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ALVCH32245
Description  32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH32245 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALVCH32245 Datasheet HTML 1Page - Texas Instruments SN74ALVCH32245 Datasheet HTML 2Page - Texas Instruments SN74ALVCH32245 Datasheet HTML 3Page - Texas Instruments SN74ALVCH32245 Datasheet HTML 4Page - Texas Instruments SN74ALVCH32245 Datasheet HTML 5Page - Texas Instruments SN74ALVCH32245 Datasheet HTML 6Page - Texas Instruments SN74ALVCH32245 Datasheet HTML 7Page - Texas Instruments SN74ALVCH32245 Datasheet HTML 8Page - Texas Instruments SN74ALVCH32245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVCH32245
32-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES282D – OCTOBER 1999 – REVISED SEPTEMBER 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1) MAX
UNIT
IOH = -100 µA
1.65 V to 3.6 V
VCC - 0.2
IOH = -4 mA
1.65 V
1.2
IOH = -8 mA
2.3 V
1.7
VOH
V
2.7 V
2.2
IOH = -12 mA
3 V
2.4
IOH = -24 mA
3 V
2.2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
IOL = 8 mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.58 V
1.65 V
25
VI = 1.07 V
1.65 V
-25
VI = 0.7 V
2.3 V
45
II(hold)
VI = 1.7 V
2.3 V
-45
µA
VI = 0.8 V
3 V
75
VI = 2 V
3 V
-75
VI = 0 to 3.6 V(2)
3.6 V
±500
IOZ(3)
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
80
µA
∆I
CC
One input at VCC - 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
4
pF
Cio
A or B ports
VO = VCC or GND
3.3 V
8
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
B or A
(1)
(1)
1
3.7
3.6
1
3
ns
ten
OE
A or B
(1)
(1)
1
5.7
5.4
1
4.4
ns
tdis
OE
A or B
(1)
(1)
1
5.2
4.6
1
4.1
ns
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Outputs enabled
(1)
22
29
Power dissipation
Cpd
CL = 50 pF,
f = 10 MHz
pF
capacitance
Outputs disabled
(1)
4
5
(1)
This information was not available at the time of publication.
4


Similar Part No. - SN74ALVCH32245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH32245 TI-SN74ALVCH32245 Datasheet
123Kb / 8P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32245GKE TI-SN74ALVCH32245GKE Datasheet
123Kb / 8P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH32245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCZ32245A TI-SN74LVCZ32245A Datasheet
295Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC32245 TI-SN74LVC32245 Datasheet
264Kb / 9P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32245 TI-SN74ALVCH32245 Datasheet
123Kb / 8P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH32245A TI-SN74LVCH32245A Datasheet
132Kb / 9P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR32245A TI-SN74LVCHR32245A Datasheet
251Kb / 11P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR32245A TI-SN74LVCR32245A Datasheet
276Kb / 10P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AUC32245 TI-SN74AUC32245 Datasheet
389Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74ALVCH32245 IDT-IDT74ALVCH32245 Datasheet
126Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com