Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM75BU12H Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CM75BU12H
Description  Four IGBTMOD U-Series Module 75 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM75BU12H Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CM75BU12H Datasheet HTML 1Page - Powerex Power Semiconductors CM75BU12H Datasheet HTML 2Page - Powerex Power Semiconductors CM75BU12H Datasheet HTML 3Page - Powerex Power Semiconductors CM75BU12H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
CM75BU-12H
Four IGBTMOD™ U-Series Module
75 Amperes/600 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25 °C unless otherwise specified
Ratings
Symbol
CM75BU-12H
Units
Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Collector-Emitter Voltage (G-E SHORT)
VCES
600
Volts
Gate-Emitter Voltage (C-E SHORT)
VGES
±20
Volts
Collector Current (Tc = 25°C)
IC
75
Amperes
Peak Collector Current (Tj ≤ 150°C)
ICM
150*
Amperes
Emitter Current** (Tc = 25°C)
IE
75
Amperes
Peak Emitter Current**
IEM
150*
Amperes
Maximum Collector Dissipation (Tc = 25°C)
Pc
310
Watts
Mounting Torque, M4 Main Terminal
15
in-lb
Mounting Torque, M5 Mounting
31
in-lb
Weight
390
Grams
Isolation Voltage (Main Terminal to Baseplate, AC 1 min.)
Viso
2500
Volts
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating.
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Static Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector-Cutoff Current
ICES
VCE = VCES, VGE = 0V
1
mA
Gate Leakage Current
IGES
VGE = VGES, VCE = 0V
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 7.5mA, VCE = 10V
4.5
6
7.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 75A, VGE = 15V, Tj = 25°C
2.4
3.0
Volts
IC = 75A, VGE = 15V, Tj = 125°C
2.6
Volts
Total Gate Charge
QG
VCC = 300V, IC = 75A, VGE = 15V
150
nC
Emitter-Collector Voltage*
VEC
IE = 75A, VGE = 0V
2.6
Volts
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating.
Dynamic Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Capacitance
Cies
6.6
nf
Output Capacitance
Coes
VCE = 10V, VGE = 0V
3.6
nf
Reverse Transfer Capacitance
Cres
1.0
nf
Resistive
Turn-on Delay Time
td(on)
VCC = 300V, IC = 75A,
100
ns
Load
Rise Time
tr
VGE1 = VGE2 = 15V,
250
ns
Switch
Turn-off Delay Time
td(off)
RG = 8.3Ω, Resistive
200
ns
Times
Fall Time
tf
Load Switching Operation
300
ns
Diode Reverse Recovery Time
trr
IE = 75A, diE/dt = -150A/μs
160
ns
Diode Reverse Recovery Charge
Qrr
IE = 75A, diE/dt = -150A/μs
0.18
µC
Thermal and Mechanical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
Rth(j-c)Q
Per IGBT 1/4 Module
0.4
°C/W
Thermal Resistance, Junction to Case
Rth(j-c)D
Per FWDi 1/4 Module
0.9
°C/W
Contact Thermal Resistance
Rth(c-f)
Per Module, Thermal Grease Applied
0.025
°C/W
2


Similar Part No. - CM75BU12H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75BU-12H MITSUBISHI-CM75BU-12H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM75BU-12H POWEREX-CM75BU-12H Datasheet
73Kb / 4P
   Four IGBTMOD 75 Amperes/600 Volts
logo
Mitsubishi Electric Sem...
CM75BU-12H MITSUBISHI-CM75BU-12H Datasheet
109Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM75BU-12H MITSUBISHI-CM75BU-12H_09 Datasheet
109Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM75BU12H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM75BU-12H POWEREX-CM75BU-12H Datasheet
73Kb / 4P
   Four IGBTMOD 75 Amperes/600 Volts
CM50BU-24H POWEREX-CM50BU-24H Datasheet
74Kb / 4P
   Four IGBTMOD??U-Series Module 50 Amperes/1200 Volts
CM50BU24H POWEREX-CM50BU24H Datasheet
170Kb / 4P
   Four IGBTMOD U-Series Module 50 Amperes/1200 Volts
CM100BU-12H POWEREX-CM100BU-12H Datasheet
72Kb / 4P
   Four IGBTMOD 100 Amperes/600 Volts
CM300DU-12H POWEREX-CM300DU-12H Datasheet
376Kb / 4P
   Dual IGBTMOD??U-Series Module 300 Amperes/600 Volts
CM75TL-12NF POWEREX-CM75TL-12NF Datasheet
536Kb / 4P
   Six IGBTMOD NF-Series Module 75 Amperes/600 Volts
CM75E3U-12H POWEREX-CM75E3U-12H Datasheet
60Kb / 4P
   Chopper IGBTMOD 75 Amperes/600 Volts
CM75DY-12H POWEREX-CM75DY-12H Datasheet
58Kb / 4P
   Dual IGBTMOD 75 Amperes/600 Volts
CM75DU-12H POWEREX-CM75DU-12H Datasheet
58Kb / 4P
   Dual IGBTMOD 75 Amperes/600 Volts
CM75TU-12H POWEREX-CM75TU-12H Datasheet
78Kb / 4P
   Six IGBTMOD 75 Amperes/600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com