Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-1470359-0 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 4-1470359-0
Description  FPC Connector Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1470359-0 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 4-1470359-0 Datasheet HTML 5Page - Tyco Electronics 4-1470359-0 Datasheet HTML 6Page - Tyco Electronics 4-1470359-0 Datasheet HTML 7Page - Tyco Electronics 4-1470359-0 Datasheet HTML 8Page - Tyco Electronics 4-1470359-0 Datasheet HTML 9Page - Tyco Electronics 4-1470359-0 Datasheet HTML 10Page - Tyco Electronics 4-1470359-0 Datasheet HTML 11Page - Tyco Electronics 4-1470359-0 Datasheet HTML 12Page - Tyco Electronics 4-1470359-0 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
Part Number
Position
Dimension
ABC
440347-3
3
2.00
8.60
4.40
.078
.338
.173
440347-4
4
3.00
9.60
5.40
.118
.377
.212
440347-5
5
4.00
10.60
6.40
.157
.417
.251
440347-6
6
5.00
11.60
7.40
.197
.456
.291
440347-7
7
6.00
12.60
8.40
.236
.496
.330
440347-8
8
7.00
13.60
9.40
.276
.535
.370
440347-9
9
8.00
14.60
10.40
.315
.574
.409
440347-0
10
9.00
15.60
11.40
.354
.614
.448
1-440347-1
11
10.00
16.60
12.40
.394
.653
.488
1-440347-2
12
11.00
17.60
13.40
.433
.692
.527
1-440347-3
13
12.00
18.60
14.40
.472
.732
.566
1-440347-4
14
13.00
19.60
15.40
.512
.771
.606
1-440347-5
15
14.00
20.60
16.40
.551
.811
.645
1-440347-6
16
15.00
21.60
17.40
.591
.850
.685
1-440347-7
17
16.00
22.60
18.40
.630
.889
.724
1-440347-8
18
17.00
23.60
19.40
.669
.929
.763
1-440347-9
19
18.00
24.60
20.40
.709
.968
.803
2-440347-0
20
19.00
25.60
21.40
.748
1.007
.842
2-440347-1
21
20.00
26.60
22.40
.787
1.047
.881
Part Number
Position
Dimension
ABC
2-440347-2
22
21.00
27.60
23.40
.827
1.086
.921
2-440347-3
23
22.00
28.60
24.40
.866
1.125
.960
2-440347-4
24
23.00
29.60
25.40
.906
1.165
1.000
2-440347-5
25
24.00
30.60
26.40
.945
1.204
1.039
2-440347-6
26
25.00
31.60
27.40
.984
1.244
1.078
2-440347-7
27
26.00
32.60
28.40
1.024
1.283
1.118
2-440347-8
28
27.00
33.60
29.40
1.063
1.322
1.157
2-440347-9
29
28.00
34.60
30.40
1.102
1.362
1.196
3-440347-0
30
29.00
35.60
31.40
1.142
1.401
1.236
3-440347-1
31
30.00
36.60
32.40
1.181
1.440
1.275
3-440347-2
32
31.00
37.60
33.40
1.221
1.480
1.314
3-440347-3
33
32.00
38.60
34.40
1.259
1.519
1.354
3-440347-4
34
33.00
39.60
35.40
1.299
1.559
1.393
3-440347-5
35
34.00
40.60
36.40
1.338
1.598
1.433
3-440347-6
36
35.00
41.60
37.40
1.377
1.637
1.472
3-440347-7
37
36.00
42.60
38.40
1.417
1.677
1.511
3-440347-8
38
37.00
43.60
39.40
1.456
1.716
1.551
3-440347-9
39
38.00
44.60
40.40
1.496
1.755
1.590
4-440347-0
40
39.00
45.60
41.40
1.535
1.795
1.629
1.0 mm, FPC Connector,
ZIF Vertical, SMT
Part Number
440347
Lead Free
1734248


Similar Part No. - 4-1470359-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1470359-0 MACOM-4-1470359-0 Datasheet
643Kb / 32P
   FPC Connector Family
4-1470359-0 MACOM-4-1470359-0 Datasheet
662Kb / 32P
   FPC Connector Family
More results

Similar Description - 4-1470359-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
logo
Molex Electronics Ltd.
FFC-FPC MOLEX11-FFC-FPC Datasheet
7Mb / 1P
   FFC-FPC SMT Family Overview
502250-1791 MOLEX-502250-1791 Datasheet
1Mb / 2P
   FPC Connector
501912-1590 MOLEX-501912-1590 Datasheet
460Kb / 2P
   FPC Connector
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com