Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-6437285-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-6437285-8
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-6437285-8 Datasheet(HTML) 1 Page - Tyco Electronics

  2-6437285-8 Datasheet HTML 1Page - Tyco Electronics 2-6437285-8 Datasheet HTML 2Page - Tyco Electronics 2-6437285-8 Datasheet HTML 3Page - Tyco Electronics 2-6437285-8 Datasheet HTML 4Page - Tyco Electronics 2-6437285-8 Datasheet HTML 5Page - Tyco Electronics 2-6437285-8 Datasheet HTML 6Page - Tyco Electronics 2-6437285-8 Datasheet HTML 7Page - Tyco Electronics 2-6437285-8 Datasheet HTML 8Page - Tyco Electronics 2-6437285-8 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Product Specification
108-78140
製品規格
19MAY09 Rev. A8
タイコ
エレクトロニクス
アンプ株式会社
(〒
213-8535
川崎市高津区久本
3-5-8
1 of 41
Tyco Electronics AMP K.K. (3-5-8 Hisamoto Takatsu-ku Kawasaki, 213-8535)
この文書の改版の確認は本社、支店へお問い合わせください。
This document is subject to change. Call local AMP for the latest revision.
© Copyright 2000 by Tyco ElectronicsAMP K.K. All rights reserved.
* :
商標
Trademark
S U P E R
S E A L
S U P E R
S E A L
S U P E R
S E A L
S U P E R
S E A L
コ ネ ク タ
コ ネ ク タ
コ ネ ク タ
コ ネ ク タ
S U P E R
S E A L
S U P E R
S E A L
S U P E R
S E A L
S U P E R
S E A L
C O N N E C T O R
C O N N E C T O R
C O N N E C T O R
C O N N E C T O R
注記)
21
ページ以降日本語版
THIS SPECIFICATION IS STRUCTURED AS FOLLOWS:
ITEM
PAGE
1........SCOPE ................................................................ 2/41
2........APPLIED STANDARD........................................ 2/41
3........PRODUCT TYPES............................................... 2/41
4. .....MATERIAL........................................................... 3/41
5........DIMENSION AND CONFIGURATION............. 3/41
6........RATING................................................................ 3/41
7........MEASURING METHOD AND PERFORMANCE. ........4/41
10/41
8........TEST STRUCTURE AND SEQUENCE......11/41
13/41
9........TEST METHOD............................................14/41
19/41
10........TEST CONDITION............................................. 19/41
11........PACKAGING AND MARKING.......................... 19/41


Similar Part No. - 2-6437285-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-6437538-5 MACOM-2-6437538-5 Datasheet
939Kb / 4P
   DIP SOCKET 800 SERIES
More results

Similar Description - 2-6437285-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1437287-8 MACOM-9-1437287-8 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
logo
PHOENIX CONTACT
2203749 PHOENIX-2203749 Datasheet
75Kb / 4P
   Seal - DCS D-SEAL 3,0MM
09/12/2020
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
   Seal
logo
PHOENIX CONTACT
1400374 PHOENIX-1400374 Datasheet
65Kb / 3P
   Seal - VS-ASI-FC-SEAL-HP
09/11/2020
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
   FEEDTHROUGH SEAL
logo
Rosenberger Hochfrequen...
59K14B-1M4 ROSENBERGER-59K14B-1M4 Datasheet
538Kb / 1P
   CABLE SEAL
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
   GLASS-SEAL
logo
PHOENIX CONTACT
1410695 PHOENIX-1410695 Datasheet
58Kb / 2P
   Seal - SAC-VP-SEAL-SIL/RD OD
logo
Rosenberger Hochfrequen...
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
   Glass Seal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com