Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1437285-8 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 2-1437285-8
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1437285-8 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 2-1437285-8 Datasheet HTML 2Page - Tyco Electronics 2-1437285-8 Datasheet HTML 3Page - Tyco Electronics 2-1437285-8 Datasheet HTML 4Page - Tyco Electronics 2-1437285-8 Datasheet HTML 5Page - Tyco Electronics 2-1437285-8 Datasheet HTML 6Page - Tyco Electronics 2-1437285-8 Datasheet HTML 7Page - Tyco Electronics 2-1437285-8 Datasheet HTML 8Page - Tyco Electronics 2-1437285-8 Datasheet HTML 9Page - Tyco Electronics 2-1437285-8 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Product Specification
108-78140
Rev. A8
6 of 41
No.
ITEM
MEASUREMENT
METHOD
PERFORMANCE
7.5
Voltage
Drop
As
shown
in
Fig.1
while
feeding
open
voltage
of
20
±
5mV
and
short
circuit
current
of
10
±
0.5mA
to
the
mated
conector,
measurement
is
taken
at
the
point
75mm
apart
from
the
crimped
barrel
when
temperature
of
the
mated
contact
has
saturated
and
then
voltage
drop
by
the
wire
is
subtracted.(Resistance
of
wire
is
per
Table
1.)
Fig.1
A
75
measurement
Initial:
5mΩ
or
less
After
Durability
Test:
10mΩ
or
less
Table
1
Wire
size
Resistance
(mΩ/75mm)
0.5
2.45
0.85
1.56
1.25
1.07


Similar Part No. - 2-1437285-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437285-2 MACOM-2-1437285-2 Datasheet
2Mb / 28P
   AMP SUPERSEAL Connectors
2-1437285-3 MACOM-2-1437285-3 Datasheet
2Mb / 28P
   AMP SUPERSEAL Connectors
More results

Similar Description - 2-1437285-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1437287-8 MACOM-9-1437287-8 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
logo
PHOENIX CONTACT
2203749 PHOENIX-2203749 Datasheet
75Kb / 4P
   Seal - DCS D-SEAL 3,0MM
09/12/2020
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
   Seal
logo
PHOENIX CONTACT
1400374 PHOENIX-1400374 Datasheet
65Kb / 3P
   Seal - VS-ASI-FC-SEAL-HP
09/11/2020
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
   FEEDTHROUGH SEAL
logo
Rosenberger Hochfrequen...
59K14B-1M4 ROSENBERGER-59K14B-1M4 Datasheet
538Kb / 1P
   CABLE SEAL
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
   GLASS-SEAL
logo
PHOENIX CONTACT
1410695 PHOENIX-1410695 Datasheet
58Kb / 2P
   Seal - SAC-VP-SEAL-SIL/RD OD
logo
Rosenberger Hochfrequen...
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
   Glass Seal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com