Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-6437287-9 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. 9-6437287-9
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 5 page
background image
Product Specification
108-78140
Rev. A8
5 of 41
7.
MEASUREMENT
METHOD
AND
PERFORMANCE
No.
ITEM
MEASUREMENT
METHOD
PERFORMANCE
7.1
External
Appearance
Visual
and
touch
feeling
inspection.
There
shall
be
no
detrimental
crack,rust,play,
scratch,deformation
and
etc.
7.2
Feeling
on
Mating
/Unmating
Feeling
is
verified
by
mating
and
unmating
the
contact,housing
and
connector
There
should
be
no
detrimental
binding.
7.3
Insertion
Force
Pin
contact
or
cap
housing
connector
is
fastened
first,then
receptacle
contact
or
plug
housing
and
plug
connector
are
mated
at
a
constant
mating
speed
of
approx.
100mm/min.
or
less
toward
the
axis.
Contact
4.9N(0.5kgf)
or
less
Housing
58.8N(6kgf)
or
less
Connector
98N(10kgf)
or
less
7.4
Withdrawal
Force
Pin
contact
or
cap
housing
connector
is
fastened
first,then
mated
receptacle
contact
or
plug
housing
and
the
connector
is
pulled
at
a
constant
speed
of
approx.
100mm/min.
or
less
toward
the
axis.
(Plug
housing
should
be
installed
without
locking.)
Contact
4.9N(0.5kgf)
or
less
Housing
58.8N(6kgf)
or
less
Connector
98N(10kgf)
or
less




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl