Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1437287-9 Datasheet(PDF) 7 Page - Tyco Electronics

Part No. 9-1437287-9
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 7 page
background image
Product Specification
108-78140
Rev. A8
7 of 41
No.
ITEM
MEASUREMENT
METHOD
PERFORMANCE
7.6
Insulation
Resistance
As
shown
in
Fig.2
the
connector
is
mated
and
insulation
resistances
between
neighboring
contacts
and
between
contact
and
earth
are
measured
with
insulation
resistance
meter
of
DC
500V.
Between
Contact
and
Earth
Wrap-up
with
Metal
Foil
Between
Contacts
Resistance
Meter
Resistance
Meter
Fig.
2
100MΩ
or
more
7.7
Dielectric
Withstanding
Voltage
As
shown
in
Fig.2
while
the
connector
is
mated,
1000VAC
or
1600V
DC
voltage
of
commercial
power
frequency
is
applied
of
duration
of
1
minute
between
contacts
and
between
contact
and
earth.
Insulation
breakdown
does
not
develop.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl