Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2127934 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 2127934
Description  Quick Reference Guide
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2127934 Datasheet(HTML) 6 Page - Tyco Electronics

  2127934 Datasheet HTML 1Page - Tyco Electronics 2127934 Datasheet HTML 2Page - Tyco Electronics 2127934 Datasheet HTML 3Page - Tyco Electronics 2127934 Datasheet HTML 4Page - Tyco Electronics 2127934 Datasheet HTML 5Page - Tyco Electronics 2127934 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FOR MORE INFORMATION
TE Technical Support Center
USA:
+1(800)522-6752
Canada:
+1(905)475-6222
Mexico
+52(0)55-1106-0800
Latin/S.America:
+54(0)11-4733-2200
Germany:
+49(0)6251-133-1999
UK:
+44(0)800-267666
France:
+33(0)1-3420-8686
Netherlands:
+31(0)73-6246-999
China:
+86(0)400-820-6015
PartnumbersinthisbrochureareRoHSCompliant*,unlessmarkedotherwise.
*asdefinedwww.te.com/leadfree
www.te.com
©2012TycoElectronicsCorporation,aTEConnectivityLtd.company.AllRightsReserved.
4-1773455-2DTCLUGRRD1M11/2012
EVERCLEAR,MADISONCABLE,TEConnectivityandtheTEconnectivity(logo)aretrademarks.
FibreChannelisatrademarkoftheFibreChannelIndustryAssociation.
INFINIBANDisatrademarkoftheInfiniBandTradeAssociation.
SASisatrademarkofSIGSAUER,Inc.
XAUIisatrademarkofthe10GigabitEthernetAllianceXAUIInteroperabilityGroup.
Otherlogos,productandcompanynamesmentionedhereinmaybetrademarksoftheirrespectiveowners.
While TE has made every reasonable effort to ensure the accuracy of the information in this brochure, TE does not guarantee that it is
error-free, nor does TE make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current.
TE reserves the right to make any adjustments to the information contained herein at any time without notice. TE expressly disclaims all
implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or
fitness for a particular purpose. The dimensions in this brochure are for reference purposes only and are subject to change without notice.
Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications.
Questions to Ask at Design In:
What standard and data rate is required?
PleasereferencethestandardsforhighspeedI/Ointerfacetable
onpage5
Does the application have specific density requirements?
Assembliescanbeconfiguredbythenumberofportsandto
meetheight/widthrestrictions
Does the application require light pipes?
LightpipesareavailableforSFP,SFP+,QSFP/QSFP+,andCXP
Does the application require thermal dissipation?
HeatsinksareavailableforSFP,SFP+,QSFP/QSFP+,XFP,CFP,
andCXP
What are your cable requirements?
DependingonthepluggableI/Ointerface,copperoroptical
cableassembliesandtransceiverordirectattachassembliesare
available.Manydifferentcablelengthsandoptionsareavailable.


Similar Part No. - 2127934

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
2127934-4-C ATGBICS-2127934-4-C Datasheet
151Kb / 3P
   2127934-4 Tyco Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
2127934-6-C ATGBICS-2127934-6-C Datasheet
170Kb / 3P
   2127934-6 Tyco Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (5m, Passive)
2127934-8-C ATGBICS-2127934-8-C Datasheet
152Kb / 3P
   2127934-8 Tyco Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (7m, Passive)
More results

Similar Description - 2127934

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1827682-1 ETC2-1827682-1 Datasheet
2Mb / 4P
   QUICK REFERENCE GUIDE
2013928-8 ETC2-2013928-8 Datasheet
1Mb / 4P
   Quick Reference Guide
logo
TE Connectivity Ltd
1-1773735-6 TEC-1-1773735-6 Datasheet
955Kb / 2P
   QUICK REFERENCE GUIDE
logo
Panasonic Semiconductor
KX-T7730 PANASONIC-KX-T7730 Datasheet
3Mb / 16P
   Quick Reference Guide
logo
Tyco Electronics
FTN59 MACOM-FTN59 Datasheet
550Kb / 6P
   Quick Reference Guide
logo
List of Unclassifed Man...
1888250-3 ETC2-1888250-3 Datasheet
1Mb / 6P
   Quick Reference Guide
logo
TE Connectivity Ltd
1981959-1 TEC-1981959-1 Datasheet
1Mb / 6P
   SIM CARD CONNECTORS QUICK REFERENCE GUIDE
10/23
logo
Tyco Electronics
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
5-104935-6 MACOM-5-104935-6 Datasheet
633Kb / 6P
   Quick Reference Guide AMPMODU MTE Interconnect System
logo
List of Unclassifed Man...
647676-4 ETC2-647676-4 Datasheet
426Kb / 4P
   Quick Reference Guide Economy Power Connector System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com