Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-6437287-8 Datasheet(PDF) 9 Page - Tyco Electronics

Part No. 9-6437287-8
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 9 page
background image
Product Specification
108-78140
Rev. A8
9 of 41
No.
ITEM
MEASUREMENT
METHOD
PERFORMANCE
7.9
Contact
Solderability
Solder
bath:Sn-40Pb
Solder
Temperature:235±5℃
Immersion
Duration:5±0.5sec.
Flux:Alpha100
AMP
Spec.
109-5203
Matte
Tin
plating
only
Solder
bath:Sn-3Ag-0.5Cu
Solder
Temperature:250±5℃
Immersion
Duration:5±0.5sec.
Flux:ULF-300R
Wet
Solder
Coverage:
(Plated
area
only)
95%
Min.
7.10
Contact
Insertion
Characteristic
(Between
Contact
and
Housing)
Contact
crimped
on
free-length
of
wire
is
inserted
into
the
proper
location
of
the
plug
housing.
Holding
position
of
the
wire
is
20mm
apart
from
the
crimp
barrel.
Insertion
speed
is
100mm/min.
or
less.
Contact
can
be
inserted
without
bending
of
wire.
7.11
Contact
Withdrawal
Characteristic
(Between
Contact
and
Housing)
Withdraw
the
contact
inserted
under
the
condition
of
6.10.
There
shall
be
no
detrimental
binding,
crack
and
deformation.
7.12
Contact
Retention
Force
(Between
Contact
and
Housing)
About
100mm
long
wire
is
crimped
with
the
plug
housing
connector
and
the
receptacle
contact
is
fastened
and
then
the
load
that
causes
separation
of
contact
from
the
housing
with
the
wire
pulled
toward
the
axis
at
a
constant
speed
of
approx.100mm/min.
is
measured.
58.8N(6kgf)
or
more
7.13
Strength
of
Crimp
Connection
(Between
Contact
and
Wire)
After
the
receptacle
contact
with
wire
crimped
is
fastened
and
then
the
load
that
causes
wire
breakage
or
separation
of
the
wire
from
the
crimped
barrel
with
the
wire
pulled
toward
the
axis
at
a
constant
speed
of
approx.
100mm/min.
is
measured.
Wire
size
0.5
88.2N
(9kgf)
or
more
0.85
127.4N(13kgf)
or
more
1.25
176.4N(18kgf)
or
more
7.14
Housing
Retention
Force
(Housing
Locking
Strength)
After
the
cap
housing
is
fastened,
mated
plug
housing
is
pulled
at
a
constant
speed
of
approx.
100mm/min.
The
lock
mechanism
shall
not
get
released
or
broken
less
than
98N(10kgf).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl