Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2127932 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 2127932
Description  Quick Reference Guide
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2127932 Datasheet(HTML) 5 Page - Tyco Electronics

  2127932 Datasheet HTML 1Page - Tyco Electronics 2127932 Datasheet HTML 2Page - Tyco Electronics 2127932 Datasheet HTML 3Page - Tyco Electronics 2127932 Datasheet HTML 4Page - Tyco Electronics 2127932 Datasheet HTML 5Page - Tyco Electronics 2127932 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.te.com/products/pluggableIO
High Speed Input/Output Solutions
TE Connectivity
Typical Cage Port
Configurations
Single Port
Ganged
Belly-to-Belly
Stacked
Components of a High Speed I/O Interface
Lightpipe
Cage
Direct Attach Copper Cable
Active Optical Cable
Optical Cable
Optical Transceiver Module
Heat sink and Clip
PT Connector
Features
EMI Springs
Lowercost
Lessforceappliedtobezel
EMI Gasket
Tightertolerancesbetween
boardedgeandbezelare
required
Shieldingslightlybetterin
singlerowcagedesigns
Lesssusceptibletodamage
Accessories
Heat Sinks
Lightpipe Application:TEprovidessurfacemounted
LEDbulbsonthePCBthatcarrylightsignalthrough
thelightpipeclippedontothecagetothefaceplate.
Lightpipesareavailableinstandard,lowprofile,
reducedlengthorsquare.
Lightpipes
Heat Sink Technology for Thermal Management:
Theridingheatsinksusedirectcontacttothepluggable
moduletodrawheatawayfromthesource.TEheat
sinksareavailableinthreestandardsnetworking,SAN,
PCI,orcanbedesignedtocustomerspecifications.


Similar Part No. - 2127932

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
2127931-2-C ATGBICS-2127931-2-C Datasheet
151Kb / 3P
   2127931-2 Tyco Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
2127934-4-C ATGBICS-2127934-4-C Datasheet
151Kb / 3P
   2127934-4 Tyco Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
2127934-6-C ATGBICS-2127934-6-C Datasheet
170Kb / 3P
   2127934-6 Tyco Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (5m, Passive)
2127934-8-C ATGBICS-2127934-8-C Datasheet
152Kb / 3P
   2127934-8 Tyco Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (7m, Passive)
More results

Similar Description - 2127932

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1827682-1 ETC2-1827682-1 Datasheet
2Mb / 4P
   QUICK REFERENCE GUIDE
2013928-8 ETC2-2013928-8 Datasheet
1Mb / 4P
   Quick Reference Guide
logo
TE Connectivity Ltd
1-1773735-6 TEC-1-1773735-6 Datasheet
955Kb / 2P
   QUICK REFERENCE GUIDE
logo
Panasonic Semiconductor
KX-T7730 PANASONIC-KX-T7730 Datasheet
3Mb / 16P
   Quick Reference Guide
logo
Tyco Electronics
FTN59 MACOM-FTN59 Datasheet
550Kb / 6P
   Quick Reference Guide
logo
List of Unclassifed Man...
1888250-3 ETC2-1888250-3 Datasheet
1Mb / 6P
   Quick Reference Guide
logo
TE Connectivity Ltd
1981959-1 TEC-1981959-1 Datasheet
1Mb / 6P
   SIM CARD CONNECTORS QUICK REFERENCE GUIDE
10/23
logo
Tyco Electronics
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
5-104935-6 MACOM-5-104935-6 Datasheet
633Kb / 6P
   Quick Reference Guide AMPMODU MTE Interconnect System
logo
List of Unclassifed Man...
647676-4 ETC2-647676-4 Datasheet
426Kb / 4P
   Quick Reference Guide Economy Power Connector System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com