Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM50BU24H Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM50BU24H
Description  Four IGBTMOD U-Series Module 50 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM50BU24H Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM50BU24H Datasheet HTML 1Page - Powerex Power Semiconductors CM50BU24H Datasheet HTML 2Page - Powerex Power Semiconductors CM50BU24H Datasheet HTML 3Page - Powerex Power Semiconductors CM50BU24H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CM50BU-24H
Four IGBTMOD™ U-Series Module
50 Amperes/1200 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
3
GATE CHARGE, Q
G, (nC)
GATE CHARGE, VGE
20
0
50
100
16
12
8
4
0
150
250
200
VCC = 600V
VCC = 400V
IC = 50A
EMITTER CURRENT, I
E, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
100
101
102
102
101
trr
Irr
di/dt = -100A/
µsec
Tj = 25°C
102
101
100
COLLECTOR CURRENT, I
C, (AMPERES)
103
100
101
102
102
101
100
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
RG = 6.3 Ω
Tj = 125°C
tf
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
10-1
100
102
101
100
10-1
10-2
VGE = 0V
f = 1MHz
101
Cies
Coes
Cres
1.0
1.5
2.0
2.5
3.5
3.0
4.0
100
101
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
102
103
Tj = 25°C
GATE-EMITTER VOLTAGE, V
GE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
10
0
4
8
12
16
20
8
6
4
2
0
Tj = 25°C
IC = 25A
IC = 100A
IC = 50A
COLLECTOR-CURRENT, I
C, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
5
0
20
40
60
80
4
3
2
1
0
100
VGE = 15V
Tj = 25°C
Tj = 125°C
GATE-EMITTER VOLTAGE, V
GE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
0
4
8
12
16
20
80
60
40
20
0
VCE = 10V
Tj = 25°C
Tj = 125°C
100
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
0
2
4
6
8
10
60
20
0
VGE = 20V
15
12
11
8
Tj = 25
oC
40
80
100
10
9


Similar Part No. - CM50BU24H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM50BU-24H POWEREX-CM50BU-24H Datasheet
74Kb / 4P
   Four IGBTMOD??U-Series Module 50 Amperes/1200 Volts
More results

Similar Description - CM50BU24H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM50BU-24H POWEREX-CM50BU-24H Datasheet
74Kb / 4P
   Four IGBTMOD??U-Series Module 50 Amperes/1200 Volts
CM50DU-24H POWEREX-CM50DU-24H Datasheet
312Kb / 4P
   Dual IGBTMOD??U-Series Module 50 Amperes/1200 Volts
CM400DU-24H POWEREX-CM400DU-24H Datasheet
77Kb / 4P
   Dual IGBTMOD??U-Series Module 400 Amperes/1200 Volts
CM75BU12H POWEREX-CM75BU12H Datasheet
165Kb / 4P
   Four IGBTMOD U-Series Module 75 Amperes/600 Volts
CM50TL-24NF POWEREX-CM50TL-24NF Datasheet
536Kb / 4P
   Six IGBTMOD NF-Series Module 50 Amperes/1200 Volts
CM50E3U-24H POWEREX-CM50E3U-24H Datasheet
60Kb / 4P
   Chopper IGBTMOD 50 Amperes/1200 Volts
CM50DY-24H POWEREX-CM50DY-24H Datasheet
58Kb / 4P
   Dual IGBTMOD 50 Amperes/1200 Volts
CM50TU-24H POWEREX-CM50TU-24H Datasheet
78Kb / 4P
   Six IGBTMOD 50 Amperes/1200 Volts
CM1200HA-24J POWEREX-CM1200HA-24J Datasheet
75Kb / 4P
   Single IGBTMOD??H-Series Module 1200 Amperes/1200 Volts
CM50RL-24NF POWEREX-CM50RL-24NF Datasheet
570Kb / 6P
   Six IGBTMOD Brake NF-Series Module 50 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com