Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM188R71C104KA01 Datasheet(PDF) 5 Page - ams AG

Part # GRM188R71C104KA01
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GRM188R71C104KA01 Datasheet(HTML) 5 Page - ams AG

  GRM188R71C104KA01 Datasheet HTML 1Page - ams AG GRM188R71C104KA01 Datasheet HTML 2Page - ams AG GRM188R71C104KA01 Datasheet HTML 3Page - ams AG GRM188R71C104KA01 Datasheet HTML 4Page - ams AG GRM188R71C104KA01 Datasheet HTML 5Page - ams AG GRM188R71C104KA01 Datasheet HTML 6Page - ams AG GRM188R71C104KA01 Datasheet HTML 7Page - ams AG GRM188R71C104KA01 Datasheet HTML 8Page - ams AG GRM188R71C104KA01 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1310
Revision 1.8
4 - 19
AS1310
Datasheet - Electrical Characteri st ics
6 Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed by production tests or SQC (Statistical Quality Control)
methods.
VIN = 1.5V, C1 = C2 = 22µF, CREF = 100nF, Typical values are at TAMB = +25ºC (unless otherwise specified). All limits are guaranteed. The
parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Operating Temperature Range
-40
+85
°C
Input
VIN
Input Voltage Range
0.7
3.6
V
Minimum Startup Voltage
ILOAD = 1mA, TAMB = +25°C
0.7
0.8
V
Regulation
VOUT
Output Voltage Range
1.8
3.3
V
Output Voltage Tolerance
ILOAD = 10 mA, TAMB = +25°C
-2
+2
%
ILOAD = 10mA
-3
+3
%
VOUT Lockout Threshold
1
Rising Edge
1.55
1.65
1.75
V
Operating Current
IQ
Quiescent Current VIN
VOUT = 1.02xVOUTNOM,
REF = 0.99xVOUTNOM, TAMB = +25°C
100
nA
Quiescent Current VOUT
VOUT = 1.02xVON, REF = 0.99xVON,
No load, TAMB = +25°C
0.8
1
1.2
µA
ISHDN
Shutdown Current
TAMB = +25ºC
100
nA
Switches
RON
NMOS
VOUT = 3V
0.35
Ω
PMOS
0.5
Ω
NMOS maximum On-time
3.6
4.2
4.8
µs
IPEAK
Peak Current Limit
320
400
480
mA
Zero Crossing Current
5
20
35
mA
Enable, Reference
VENH
EN Input Voltage High
0.7
V
VENL
EN Input Voltage Low
0.1
V
IEN
EN Input Bias Current
EN = 3.6V, TAMB = +25°C
100
nA
IREF
REF Input Bias Current
REF = 0.99xVOUTNOM, TAMB = +25°C
100
nA
Low Battery & Power-OK
VLBI
LBI Threshold
Falling Edge
0.57
0.6
0.63
V
LBI Hysteresis
25
mV
ILBI
LBI Leakage Current
LBI = 3.6V, TAMB = +25°C
100
nA
VLBO
LBO Voltage Low
2
ILBO = 1mA
20
100
mV
ILBO
LBO Leakage Current
LBO = 3.6V, TAMB = +25°C
100
nA
Power-OK Threshold
LBI = 0V, Falling Edge
90
92.5
95
%


Similar Part No. - GRM188R71C104KA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRM188R71C104KA01 ETC-GRM188R71C104KA01 Datasheet
223Kb / 13P
   High Dielectric Constant Type 6.3/16/25/50V
logo
Texas Instruments
GRM188R71C104KA01D TI1-GRM188R71C104KA01D Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
GRM188R71C104KA01D TI1-GRM188R71C104KA01D Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
logo
Richtek Technology Corp...
GRM188R71C104KA01D RICHTEK-GRM188R71C104KA01D Datasheet
1Mb / 26P
   Peak 12A, 6.5V, 460kHz Synchronous Step-Down Converter
December 2020
GRM188R71C104KA01D RICHTEK-GRM188R71C104KA01D Datasheet
1Mb / 29P
   8A, 6.5V, 2.1MHz, ACOT® Synchronous Step-Down Converter with I2C Interface
March 2021
More results

Similar Description - GRM188R71C104KA01

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Murata Manufacturing Co...
MYRLP-F-RD MURATA1-MYRLP-F-RD Datasheet
30Mb / 26P
   Ultra-Low Quiescent Current, Inductor Built-in Step-Down DC/DC Converter
D90DH -00119
logo
ams AG
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
   1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com