Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM188R71C104KA01 Datasheet(PDF) 7 Page - ams AG

Part # GRM188R71C104KA01
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GRM188R71C104KA01 Datasheet(HTML) 7 Page - ams AG

Back Button GRM188R71C104KA01 Datasheet HTML 3Page - ams AG GRM188R71C104KA01 Datasheet HTML 4Page - ams AG GRM188R71C104KA01 Datasheet HTML 5Page - ams AG GRM188R71C104KA01 Datasheet HTML 6Page - ams AG GRM188R71C104KA01 Datasheet HTML 7Page - ams AG GRM188R71C104KA01 Datasheet HTML 8Page - ams AG GRM188R71C104KA01 Datasheet HTML 9Page - ams AG GRM188R71C104KA01 Datasheet HTML 10Page - ams AG GRM188R71C104KA01 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1310
Revision 1.8
6 - 19
AS1310
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
TAMB = +25°C, unless otherwise specified.
Figure 3. Efficiency vs. Output Current; VOUT = 1.8V
Figure 4. Efficiency vs. Output Current; VOUT = 1.8V
40
45
50
55
60
65
70
75
80
85
90
0.01
0.1
1
10
100
1000
Output Current (mA)
Vin = 0.9V
Vin = 1.2V
Vin = 1.5V
L1: XPL2010-682M
40
45
50
55
60
65
70
75
80
85
90
0.01
0.1
1
10
100
1000
Output Current (mA)
Vin = 0.9V
Vin = 1.2V
Vin = 1.5V
L1: XPL7030-682M
Figure 5. Efficiency vs. Output Current; VOUT = 3.0V
Figure 6. Efficiency vs. Output Current; VOUT = 3.0V
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
1000
Output Current (mA)
Vin = 0.9V
Vin = 1.2V
Vin = 1.5V
Vin = 1.8V
Vin = 2.4V
L1: XPL2010-682M
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
1000
Output Current (mA)
Vin = 0.9V
Vin = 1.2V
Vin = 1.5V
Vin = 1.8V
Vin = 2.4V
L1: XPL7030-682M
Figure 7. Efficiency vs. Input Voltage; VOUT = 1.8V
Figure 8. Maximum Output Current vs. Input Voltage
50
55
60
65
70
75
80
85
90
95
100
0.7
0.9
1.1
1.3
1.5
1.7
1.9
Input Voltage (V)
Iout = 1mA
Iout=10mA
Iout=50mA
L1: XPL2010-682M
0
20
40
60
80
100
120
140
160
180
0
0.5
1
1.5
2
2.5
3
Input Voltage (V)
Vout = 1.8V
Vout = 3.0V


Similar Part No. - GRM188R71C104KA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRM188R71C104KA01 ETC-GRM188R71C104KA01 Datasheet
223Kb / 13P
   High Dielectric Constant Type 6.3/16/25/50V
logo
Texas Instruments
GRM188R71C104KA01D TI1-GRM188R71C104KA01D Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
GRM188R71C104KA01D TI1-GRM188R71C104KA01D Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
logo
Richtek Technology Corp...
GRM188R71C104KA01D RICHTEK-GRM188R71C104KA01D Datasheet
1Mb / 26P
   Peak 12A, 6.5V, 460kHz Synchronous Step-Down Converter
December 2020
GRM188R71C104KA01D RICHTEK-GRM188R71C104KA01D Datasheet
1Mb / 29P
   8A, 6.5V, 2.1MHz, ACOT® Synchronous Step-Down Converter with I2C Interface
March 2021
More results

Similar Description - GRM188R71C104KA01

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Murata Manufacturing Co...
MYRLP-F-RD MURATA1-MYRLP-F-RD Datasheet
30Mb / 26P
   Ultra-Low Quiescent Current, Inductor Built-in Step-Down DC/DC Converter
D90DH -00119
logo
ams AG
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
   1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com