Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-320554-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-320554-1
Description  Standard Terminals and Splices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-320554-1 Datasheet(HTML) 1 Page - Tyco Electronics

  2-320554-1 Datasheet HTML 1Page - Tyco Electronics 2-320554-1 Datasheet HTML 2Page - Tyco Electronics 2-320554-1 Datasheet HTML 3Page - Tyco Electronics 2-320554-1 Datasheet HTML 4Page - Tyco Electronics 2-320554-1 Datasheet HTML 5Page - Tyco Electronics 2-320554-1 Datasheet HTML 6Page - Tyco Electronics 2-320554-1 Datasheet HTML 7Page - Tyco Electronics 2-320554-1 Datasheet HTML 8Page - Tyco Electronics 2-320554-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip)
7
Product Facts
s
Pre-insulated terminal
designed for uniform relia-
bility in most difficult cir -
cuit environments
s
PIDG Terminals consist of
tin plated copper or tin
plated phosphor bronze
body for spring spades with
a copper sleeve and insula-
tion sleeve fitted over ter -
minal barrel
s
Design of the tool dies and
construction of the terminal
allows for uniform insula-
tion thickness under crimp-
ing pressure, transmitting
this pressure evenly to the
center of the crimp area
The AMP Mated
Tool/Terminal Concept
s
AMP compression crimping
produces crimps for a given
size wire and terminal that
are alike in appearance and
performance
s
Terminal and crimping tool
are designed as uniform
matched devices
s
Dies are precision-
engineered from the finest
hard-metal alloys
s
Crimping pressure is con-
trolled by a ratchet device on
the hand tool or a correspond-
ing pre-calibration in the
crimping jaws of AMP auto -
mated crimping machines
The Crimp
s
When done properly,
crimping pressure can nei-
ther overstress nor under-
stress the terminal barrel —
machined dies fully bottom
to the precise crimp height
s
Resulting termination is
free of contamination
s
Resistant to shock and criti-
cal environments
s
Tensile strength approach-
es that of the wire itself
s
PIDG Terminals meet or exceed
the requirements of MIL-T-
7928, Type II, Class 1 and 2
s
Refer to AMP Qualified
Products for Military Appli-
cation, Catalog 73-159 for
Military Specification
Number to AMP Part
Number cross reference
Table of Contents
Terminals
Ring Tongue . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8-13
Ring Tongue (Vinyl) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Ring Tongue (Insulation Restricting) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15-17
Ring Tongue 90° Bend and Rectangular Tongue 90° Bend (Insulation Restricting) . . . . . . . . . . . . . . . . . . . . . . 18
Rectangular Tongue. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19, 20
Rectangular Tongue (Insulation Restricting) and Spade Tongue . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21, 22
Flanged Spade Tongue . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Short Spring Spade Tongue . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Long Spring Spade Tongue. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Slotted Ring Tongue and Hook Tongue. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Multiple Stud and Offset Ring Tongue. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Offset Ring Tongue (Insulation Restricting). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Shur-Plug Terminal and 3-Way Connector Terminal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Tabs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Splices
Butt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Butt Step Down Adapter Inserts and Knife Disconnect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Basic Terminal Material. The basic terminal
is constructed of fine grade high conductivity
copper per ASTM B-152 and tin-plated per
ASTM B-545. Basic material for Spring
Spade Tongue Terminals is phosphor
bronze per ASTM B-139 and tin-plated per
ASTM B-545. AMP’s special plating process
creates durable corrosion resistance to salt
spray and most chemical fumes.
Color Coding. Terminal insulation is
color-coded by wire range to prevent
errors during installation.
Serrations.
Serrations inside
barrel provide maxi-
mum contact and
tensile strength after
crimping.
Funnel Ramp Entry. Prevents a turned
back strand and permits rapid wire inser-
tion during high speed production.
Copper Sleeve. The specially
designed copper sleeve, fitted over the
terminal barrel, provides circumferen-
tial insulation support to the wire and
allows the wire to be bent in any direc-
tion, without fraying the wire’s insula -
tion or breaking the conductor.
Temperature Rating: 105°C Max.
AMP PIDG Terminals
(Use PIDG Tooling)
AMP
Wire
Listed
LR7189
Range
Certified
22-16 22-16 Solid or Stranded
16-14 16-14 Solid or Stranded 300 V Max., 105°C. Max.1
12-10 12-10 Solid or Stranded
Note: 22-16 terminals are stamped 22-18 in accordance
with MIL-T-7928.
1
UL& CSA— Nylon
Nylon Insulation. Nylon
sleeve has high dielectric
strength.
AMP PIDG Nylon Butt Window Splice
(Use PIDG Tooling)
AMP
Wire
Listed
LR7189
Range
Certified
22-16 22-16 Stranded or Solid
16-14 16-14 Stranded or Solid
300 V Max., 105°C. Max.
12-10 12-10 Stranded or Solid
Note: 22-16 splices are stamped 22-18 in accordance
with MIL-T-7928.
Note: Over size expansions are provided in vinyl insulation only.


Similar Part No. - 2-320554-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2-320559-4 ETC2-2-320559-4 Datasheet
85Kb / 1P
   SPLICE BUTT PIDG WIRE SIZE 22-16
More results

Similar Description - 2-320554-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
logo
List of Unclassifed Man...
130017 ETC2-130017 Datasheet
35Kb / 1P
   AMP Terminals and Splices Application Tooling, Servece Kits
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
logo
Molex Electronics Ltd.
19286-0065 MOLEX-19286-0065 Datasheet
124Kb / 1P
   Putt Pump DielessHead Crimper for Insulated and Non-Insulated Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com