Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1658828 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 1658828
Description  Modular Jacks and MRJ21 Product
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1658828 Datasheet(HTML) 8 Page - Tyco Electronics

  1658828 Datasheet HTML 1Page - Tyco Electronics 1658828 Datasheet HTML 2Page - Tyco Electronics 1658828 Datasheet HTML 3Page - Tyco Electronics 1658828 Datasheet HTML 4Page - Tyco Electronics 1658828 Datasheet HTML 5Page - Tyco Electronics 1658828 Datasheet HTML 6Page - Tyco Electronics 1658828 Datasheet HTML 7Page - Tyco Electronics 1658828 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
31
Catalog 82066
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 11-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MAG45 Modular Jacks with Integrated Magnetics (Continued)
Modular Jacks and MRJ21 Product
Note: All part numbers are RoHS compliant.
Part Number Matrix
Base
Integrated
Power over
PCB Attach
LED Options
Description
Part Number
Magnetics
Ethernet
Options
(2 per Port)
1658821
10/100/1000
Integrated
Press Fit
With/Without
PowerDsine Integrated Chip Set,
Yellow/Green
802.3af Compliant
1658822
10/100
Integrated
Press Fit
With/Without
PowerDsine Integrated Chip Set,
Yellow/Green
802.3af Compliant
1658825
10/100/1000
Enabled
Press Fit
With/Without
PoE Chip set on Motherboard,
Yellow/Green
802.3af Compliant
1658826
10/100
Enabled
Press Fit
With/Without
PoE Chip set on Motherboard,
Yellow/Green
802.3af Compliant
1658827
10/100/1000
No
Press Fit
With/Without
Yellow/Green
1658828
10/100
No
Press Fit
With/Without
Yellow/Green
Same Mechanical Footprint, all versions.
Same Electrical Footprint, pins 25 – 170, all versions.
Pins 1 – 24
PoE Control Circuitry
Pins 25 – 170
Port Data Pairs and LEDs
Part Number 1658821 – 1658822
Part Number 1658825 – 1658828


Similar Part No. - 1658828

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1658833 PHOENIX-1658833 Datasheet
219Kb / 3P
   Panel mounting frames - VS-08-SET-MOD-1-R/5-BU-BU/SD-F
logo
Tyco Electronics
1658859-1 MACOM-1658859-1 Datasheet
335Kb / 4P
   SFP Solutions
logo
ON Semiconductor
1658870 ONSEMI-1658870 Datasheet
5Mb / 30P
   Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
November, 2020 ??Rev. 0
logo
Tyco Electronics
1658871-1 MACOM-1658871-1 Datasheet
491Kb / 3P
   XFP Products
logo
TE Connectivity Ltd
1658871-1 TEC-1658871-1 Datasheet
247Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1658828

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
60583-2 MACOM-60583-2 Datasheet
434Kb / 8P
   Modular Jacks and MRJ21 Product
logo
Kycon, Inc.
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GAX KYCON-GAX Datasheet
855Kb / 1P
   MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDX KYCON-GDX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDLX KYCON-GDLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDLX-SMT KYCON-GDLX-SMT Datasheet
1,005Kb / 1P
   MODULAR JACKS AND PLUGS
GDTX KYCON-GDTX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GLX KYCON-GLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDCX-P KYCON-GDCX-P Datasheet
424Kb / 1P
   MODULAR JACKS AND PLUGS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com