Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-330648-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 2-330648-1
Description  Standard Terminals and Splices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-330648-1 Datasheet(HTML) 5 Page - Tyco Electronics

  2-330648-1 Datasheet HTML 1Page - Tyco Electronics 2-330648-1 Datasheet HTML 2Page - Tyco Electronics 2-330648-1 Datasheet HTML 3Page - Tyco Electronics 2-330648-1 Datasheet HTML 4Page - Tyco Electronics 2-330648-1 Datasheet HTML 5Page - Tyco Electronics 2-330648-1 Datasheet HTML 6Page - Tyco Electronics 2-330648-1 Datasheet HTML 7Page - Tyco Electronics 2-330648-1 Datasheet HTML 8Page - Tyco Electronics 2-330648-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
11
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
Ring Tongue Terminals (Continued)
.312
.250
.654
.813
Blue
.170
53942-1
53942-2
7.92
6.35
16.61
20.65
4.32
.312
.281
.685
.844
Blue
.150
51864-2*
51864-4
7.92
7.14
17.40
21.44
3.81
10
.343
.281
.685
.859
Blue
.150
320574*
2-320574-2
8.71
7.14
17.40
21.82
3.81
.343
.281
.685
.859
Blue
.170
36160*
2-36160-1
8.71
7.14
17.40
21.82
4.32
.469
.437
.841
1.078
Blue
.170
324533
2-324533-2
11.91
11.10
21.36
27.38
4.32
12
.469
.437
.841
1.078
Blue
.170
324086
2-324086-1
11.91
11.10
21.36
27.38
4.32
14
.468
.312
.716
.953
Blue
.170
35274
11.89
7.92
18.19
24.21
4.32
16-14
.469
.437
.841
1.078
Blue
.150
320563*
2-320563-2
2,050-5,180
.033
11.91
11.10
21.36
27.38
3.81
[1.04-2.62]
0.84
1/4
.469
.437
.841
1.078
Blue
.170
321045*
2-321045-1
M6
11.91
11.10
21.36
27.38
4.32
.469
.437
.841
1.078
Black
.170
325034
2-325034-1
11.91
11.10
21.36
27.38
4.32
.469
.437
.841
1.078
Blue
.150
320575*
2-320575-1
5/16
11.91
11.10
21.36
27.38
3.81
M8
.469
.437
.841
1.078
Blue
.170
328998*
2-328998-1
11.91
11.10
21.36
27.38
4.32
.531
.546
.950
1.218
Blue
.150
320564*
2-320564-3
3/8
13.49
13.87
24.13
30.94
3.81
.531
.546
.950
1.218
Blue
.170
328999*
2-328999-1
13.49
13.87
24.13
30.94
4.32
.713
.530
.934
1.293
Blue
.150
328976
1/2
18.11
13.46
23.72
32.84
3.81
M12
.713
.530
.934
1.293
Blue
.170
328849*
18.11
13.46
23.72
32.84
4.32
4
.281
.219
.810
.953
Yellow/Blk.
.230
33734
7.14
5.56
20.57
24.21
5.84
.281
.219
.810
.953
Yellow/Blk.
.230
320631*
2-320631-1
7.14
5.56
20.57
24.21
5.84
6
.281
.219
.810
.953
Yellow/Blk.
.250
35634*
M3.5
7.14
5.56
20.57
24.21
6.35
.343
.281
.872
1.046
Yellow/Blk.
.230
33724
8.71
7.14
22.15
26.57
5.84
.343
.281
.872
1.046
Yellow/Blk.
.230
320627*
1-320627-0
8
8.71
7.14
22.15
26.57
5.84
M4
.343
.281
.872
1.046
Yellow/Blk.
.250
35106*
2-35106-1
8.71
7.14
22.15
26.57
6.35
.343
.281
.872
1.046
Yellow/Blk.
.230
320630*
2-320630-2
8.71
7.14
22.15
26.57
5.84
16-14HD1
.050
10
.343
.281
.872
1.046
Yellow/Blk.
.250
34805*
2-34805-1
2,050-5,180
1.27
8.71
7.14
22.15
26.57
6.35
[1.04-2.62]
.500
.344
1.179
1.432
Yellow/Blk.
.220
329391
12.70
8.74
29.95
36.37
5.59
.500
.344
.935
1.188
Yellow/Blk.
.230
34974*
2-34974-1
12.70
8.74
23.75
30.18
5.84
.500
.344
.935
1.188
Yellow/Blk.
.250
323682
2-323682-1
12.70
8.74
23.75
30.18
6.35
1/4
.531
.437
1.028
1.296
Yellow/Blk.
.230
327743
1-327743-1
M6
13.49
11.10
26.11
32.92
5.84
.531
.437
1.028
1.296
Yellow/Blk.
.250
34806*
2-34806-3
13.49
11.10
26.11
32.92
6.35
.531
.437
1.028
1.296
Blue
.250
2-34806-2
13.49
11.10
26.11
32.92
6.35
5/16
.531
.437
1.028
1.296
Yellow/Blk.
.250
34810
1-34810-1
M8
13.49
11.10
26.11
32.92
6.35
*Available in small packaging quantities.
1
Heavy duty for extra mechanical strength.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.


Similar Part No. - 2-330648-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2-330061-1 ETC2-2-330061-1 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
More results

Similar Description - 2-330648-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
logo
List of Unclassifed Man...
130017 ETC2-130017 Datasheet
35Kb / 1P
   AMP Terminals and Splices Application Tooling, Servece Kits
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
logo
Molex Electronics Ltd.
19286-0065 MOLEX-19286-0065 Datasheet
124Kb / 1P
   Putt Pump DielessHead Crimper for Insulated and Non-Insulated Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com