Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-2601 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2601
Description  High CMR Line Receiver Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2601 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2601 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2601 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Schematic
SHIELD
8
6
5
2
4
VI
USE OF A 0.1 µF BYPASS CAPACITOR CONNECTED
BETWEEN PINS 5 AND 8 IS REQUIRED (SEE NOTE 1).
IF
ICC
VCC
VO
GND
IO
VE
IE
7
3
II
+
90
Ordering Information
HCPL-2602/HCPL-2612 is UL Recognized with 3750 Vrms for 1 minute per UL1577.
Option
Part
RoHS
non RoHS
Surface
Gull
Tape
Number
Compliant
Compliant
Package
Mount
Wing
& Reel
Quantity
HCPL-2602 -000E
no option
300 mil DIP-8
50 per tube
HCPL-2612 -300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the
option column to form an order entry.
Example 1:
HCPL-2602-500E to order product of Gull Wing Surface Mount package in Tape and Reel packaging and RoHS
compliant.
Example 2:
HCPL-2612 to order product of 300 mil DIP package in Tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for
information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15,
2001 and RoHS compliant will use ‘–XXXE.’


Similar Part No. - HCPL-2601

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-2601 QT-HCPL-2601 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Broadcom Corporation.
HCPL-2601 BOARDCOM-HCPL-2601 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2601 HP-HCPL-2601 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2601 HP-HCPL-2601 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-2601 HP-HCPL-2601 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results

Similar Description - HCPL-2601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2602 HP-HCPL-2602 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com