Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1410773-4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1-1410773-4
Description  High Speed Backplane Connectors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1-1410773-4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1-1410773-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1-1410773-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1-1410773-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1-1410773-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1-1410773-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1-1410773-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1-1410773-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1-1410773-4 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1-1410773-4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
140
Catalog 1773095
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
High Speed Backplane Connectors
MULTIGIG RT Connector Products (Continued)
Fully Mated
Reliable Mate
MULTIGIG RT Connector
Mating Sequence Chart
which shows the relation-
ship of MULTIGIG RT
Connector products with
other TE products
Dim. A
Dim B.
Product
Dim. C
Fully
Contact
Reliable
First Mate
Fully Mated
Family
Mated
Mate
Last Break
Wipe Length
1.50
12.50
Ground Shield
16.78 [.661]
17.55 [.691]
4.28 [.169]
Z-PACK HM-Zd
.059
.492
Signal Level 2
15.41 [.607]
15.85 [.624]
2.91 [.115]
Product
Signal Level 1
13.91 [.548]
14.35 [.565]
1.41 [.056]
Z-PACK HM-Zd
3.00
12.50
24.0 mm Pin
27.50 [1.083]
33.40 [1.315]
N/A
Guide
.118
.492
22.2 mm Pin
25.70 [1.012]
31.60 [1.244]
N/A
Hardware
Key Blocking Point
N/A
22.03 [.867]
N/A
1.50
12.50
Ground Pins
16.44 [.647]
17.13 [.674]
3.94 [.155]
Z-PACK TinMan
.059
.492
Signal Level 2
14.94 [.588]
15.63 [.615]
2.44 [.096]
Product
Signal Level 1
N/A
N/A
N/A
1.50
12.50
Signal Level 3
18.27 [.719]
18.84 [.742]
5.77 [.227]
Z-PACK 2mm HM
.059
.492
Signal Level 2
16.77 [.660]
17.34 [.683]
4.27 [.168]
Product
Signal Level 1
15.27 [.601]
15.84 [.624]
2.77 [.109]
Ground
18.00 [.709]
5.50 [.217]
MULTIGIG RT
2.50
12.50
Signal Level 3
18.00 [.709]
5.50 [.217]
T1
.098
.492
Signal Level 2
16.50 [.650]
4.00 [.157]
Product
Signal Level 1
15.00 [.591]
2.50 [.098]
Ground
18.00 [.709]
5.50 [.217]
MULTIGIG RT
2.25
12.50
Signal Level 3
18.00 [.709]
5.50 [.217]
T2
.089
.492
Signal Level 2
16.50 [.650]
4.00 [.157]
Product
Signal Level 1
15.00 [.591]
2.50 [.098]
MULTIGIG RT
5.50
12.50
Power Level 3
23.75 [.935]
11.25 [.443]
Power
.217
.492
Power Level 2
22.25 [.876]
9.75 [.384]
Module
Power Level 1
20.75 [.817]
8.25 [.325]
MULTIGIG RT
12.50
Guide Pin Key
33.25 [1.309]
N/A
20.75 [.817]
Guide
N/A
.492
Hardware
Guide ESD Contact
30.75 [1.211]
18.25 [.719]
1.50
12.50
Ground
17.08 [.672]
17.60 [.693]
4.78 [.188]
Z-PACK HS3
.059
.492
Signal Level 2
16.05 [.632]
16.47 [.648]
3.75 [.148]
Product
Signal Level 1
14.55 [.573]
14.97 [.589]
2.25 [.089]
3.50
12.50
Power Level 3
20.25 [.797]
20.95 [.825]
8.10 [.319]
UPM
.138
.492
Power Level 2
18.65 [.734]
19.35 [.762]
6.50 [.256]
Power Level 1
17.03 [.670]
17.73 [.698]
4.88 [.192]
UPM
5.75
12.50
Guide Pin Key
31.39 [1.236]
36.16 [1.424]
N/A
Guide
.226
.492
Keyed Guide Pin
31.39 [1.236]
36.16 [1.424]
N/A
Hardware
Keyed Guide Pin
35.23 [1.387]
40.00 [1.575]
N/A
PreMate Power —
5.61 [.221]
MULTI-BEAM XL
Level 1
16.84 [.663]
Min.
Right Angle
PostMate Power —
4.34 [.171]
Header to
5.08
14.73
Level 2
17.81 [.701]
Min.
Vertical
.200
.580
PreMate Signal —
3.81 [.150]
Receptacle
Level 2
18.26 [.719]
Min.
PostMate Signal —
2.54 [.100]
Level 3
19.53 [.769]
Min.
PreMate Power —
5.61 [.221]
Level 1
15.32 [.603]
Min.
MULTI-BEAM XL
PostMate Power —
4.34 [.171]
Right Angle
3.81
13.21
Level 2
16.28 [.641]
Min.
Receptacle
.150
.520
PreMate Signal —
3.81 [.150]
to Vertical
Level 2
16.74 [.659]
Min.
Header
PostMate Signal —
2.54 [.100]
Level 3
18.01 [.709]
Min.


Similar Part No. - 1-1410773-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-141-W ETC2-1-141-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
logo
Tyco Electronics
1-1414099-0 MACOM-1-1414099-0 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
1-1414099-0 MACOM-1-1414099-0 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
logo
TE Connectivity Ltd
1-1414099-0 TEC-1-1414099-0 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
1-1414099-0 TEC-1-1414099-0 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
More results

Similar Description - 1-1410773-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410186-1 MACOM-1410186-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1410190-3 MACOM-1410190-3 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1410200-1 MACOM-1410200-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
5223955-2 MACOM-5223955-2 Datasheet
6Mb / 42P
   High Speed Backplane Connectors
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Samtec, Inc
EBCB SAMTEC-EBCB Datasheet
777Kb / 2P
   HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS
Rev 02MAR21
logo
TE Connectivity Ltd
STRADA TEC-STRADA Datasheet
4Mb / 4P
   Backplane Connectors
logo
Glenair, Inc.
801-037 GLENAIR-801-037 Datasheet
416Kb / 2P
   Mighty Mouse High-Speed Connectors
logo
Hirose Electric
EX60T-C71P HIROSE-EX60T-C71P Datasheet
310Kb / 10P
   High-Speed Differential Signal Connectors
logo
Samtec, Inc
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
   HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com