Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1734178-1 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 1734178-1
Description  Power Connectors & Interconnection Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1734178-1 Datasheet(HTML) 8 Page - Tyco Electronics

  1734178-1 Datasheet HTML 1Page - Tyco Electronics 1734178-1 Datasheet HTML 2Page - Tyco Electronics 1734178-1 Datasheet HTML 3Page - Tyco Electronics 1734178-1 Datasheet HTML 4Page - Tyco Electronics 1734178-1 Datasheet HTML 5Page - Tyco Electronics 1734178-1 Datasheet HTML 6Page - Tyco Electronics 1734178-1 Datasheet HTML 7Page - Tyco Electronics 1734178-1 Datasheet HTML 8Page - Tyco Electronics 1734178-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
234
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Power Connectors & Interconnection Systems
DC Power Jacks
Product Facts
Low Profile Design
Accepts industry standard
DC power plugs
Available with:
Solder tabs
Through-hole solder tails
SMT leads
Available to accept these
plug sizes:
0.65 mm
1.0 mm
1.3 mm
1.47 mm
1.87 mm
2.0 mm
2.35 mm
2.5 mm
Ideal for portable electric
devices
Surface-Mount Power Jacks
Pin Diameters — 0.65 mm and
1.3 mm
Part Number 1775638-1
Part Number 1775639-1
Vertical DC Jack
Part Number 1470390-1
Note: All part numbers are RoHS compliant.
Bottom View
Bottom View


Similar Part No. - 1734178-1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173417 FESTO-173417 Datasheet
98Kb / 2P
   Air solenoid valve
More results

Similar Description - 1734178-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2042274-2 MACOM-2042274-2 Datasheet
8Mb / 111P
   Power Connectors & Interconnection Systems
logo
List of Unclassifed Man...
536274-1 ETC-536274-1 Datasheet
276Kb / 2P
   Micro-Strip Interconnection Systems
Revised 11-95
171822 ETC1-171822 Datasheet
257Kb / 2P
   Economy Interconnection (EI) Series Connectors
logo
Vincotech
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com