Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-2040832-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1-2040832-4
Description  Quick Reference Guide
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1-2040832-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1-2040832-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1-2040832-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1-2040832-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1-2040832-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FPC interconnect is a solution that is ideal where small centerline spacing makes larger wire-to-board
interconnects impractical. As the market trends towards miniaturization, FPC connectors have been developed to
meet the challenges of this expanding market, which demands smaller centerline or pitch spacing, lower profile
heights and lighter interconnect solutions. TE Connectivity’s fine pitch FPC solutions are reliable interconnects
that utilize an actuator to secure the cable termination and are field terminatable (requires no tooling).
TE Connectivity’s FPC solutions are available in centerline spacings of 0.25mm, 0.3mm, 0.5mm, 1.0mm and
1.25mm.
In this quick reference guide we introduce items with 0.25mm and 0.3mm centerline spacing.
FEATURES AND BENEFITS
Uses FPC / FFC cable
Zero Insertion Force (ZIF)
SMT PCB termination
Available in top and bottom contact versions
Cost effective solution that requires no tooling
Low profile height
Light weight
0.25mm pitch series accepts angled insertion of
flexible printed circuit
PRODUCT APPLICATIONS
Flat Flex Printed Cable Applications
Consumer electronics
− Personal Computers
− Mobile / Smart Phones
− Cameras
− GPS Devices
− Set Top Boxes
− Game Consoles
− LC Displays
Quick Reference Guide
Fine Pitch FPC (Flexible Printed Circuit) Connectors
- 0.25mm & 0.3mm Pitch
te.com/products/fpc


Similar Part No. - 1-2040832-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-2042986-2 TEC-1-2042986-2 Datasheet
128Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
List of Unclassifed Man...
1-204370-2 ETC2-1-204370-2 Datasheet
104Kb / 1P
   contact pin size 22d
1-204370-3 ETC2-1-204370-3 Datasheet
104Kb / 1P
   contact pin size 22d
More results

Similar Description - 1-2040832-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1827682-1 ETC2-1827682-1 Datasheet
2Mb / 4P
   QUICK REFERENCE GUIDE
logo
TE Connectivity Ltd
1-1773735-6 TEC-1-1773735-6 Datasheet
955Kb / 2P
   QUICK REFERENCE GUIDE
logo
Panasonic Semiconductor
KX-T7730 PANASONIC-KX-T7730 Datasheet
3Mb / 16P
   Quick Reference Guide
logo
Tyco Electronics
FTN59 MACOM-FTN59 Datasheet
550Kb / 6P
   Quick Reference Guide
logo
List of Unclassifed Man...
1888250-3 ETC2-1888250-3 Datasheet
1Mb / 6P
   Quick Reference Guide
logo
Tyco Electronics
2110819-1 MACOM-2110819-1 Datasheet
4Mb / 6P
   Quick Reference Guide
logo
TE Connectivity Ltd
1981959-1 TEC-1981959-1 Datasheet
1Mb / 6P
   SIM CARD CONNECTORS QUICK REFERENCE GUIDE
10/23
logo
Tyco Electronics
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
5-104935-6 MACOM-5-104935-6 Datasheet
633Kb / 6P
   Quick Reference Guide AMPMODU MTE Interconnect System
logo
List of Unclassifed Man...
647676-4 ETC2-647676-4 Datasheet
426Kb / 4P
   Quick Reference Guide Economy Power Connector System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com