Electronic Components Datasheet Search |
|
2-1825013-0 Datasheet(PDF) 7 Page - Tyco Electronics |
|
2-1825013-0 Datasheet(HTML) 7 Page - Tyco Electronics |
7 / 30 page Catalogue No. 1308111 Issued 03/2008 Dimensions are in mm and are shown for reference purposes only. Specifications subject to change. 6 Switches Tactile Switches FSM Turtle I Side actuated tactile Turtle SMT No No No No No / Optional No 1.6 N 100,000 ops. -20…+85°C 4.0 x 7.15 x 1.7 mm - Tape and Reel, Bulk Tactiles Style Mounting style Right angle versions Low profile versions Flush actuator version Different actuator styles ESD grounding term./locating post Sealed versions Standard actuation force Electrical endurance Operating temperature range Dimensions horizontal ver. (LxWxH) Dimensions sealed ver. (LxWxH) Packaging Tactiles Style Mounting style Right angle versions Low profile versions Flush actuator version Different actuator styles ESD grounding term./locating post Sealed versions Standard actuation force Electrical endurance Operating temperature range Dimensions horizontal ver. (LxWxH) Dimensions sealed ver. (LxWxH) Packaging FSMCT Series I Low profile 5x5 SMT No No No No No / No No 1.6, 2.6 N up to 1,000,000 ops. -20…+85°C 5.2 x 5.2 x 1.5 mm - Tape and Reel FSMLPU I Ultra low profile I 0.6 mm high only 5x5 SMT No Standard Standard No No / No No 1.6 N 500.000 ops. -20…+70°C 4.8 x 4.8 x 0.6 mm - Tape and Reel FSM . MS Series I Low profile I Side actuated Miniature side actuated SMT Yes No No No No / Optional No 2.2, 2.5 N 100.000 ops. -20…+85°C refer to catalogue - Tape and Reel FSMMSH Series I Small PCB space required I Side actuated Miniature side actuated SMT Yes No No No No / Optional No 1.6 N 100,000 ops. -20…+70°C 4.5 x 2.55 x 3.3 mm - Tape and Reel |
Similar Part No. - 2-1825013-0 |
|
Similar Description - 2-1825013-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |