Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1K-445102-5-9 Datasheet(PDF) 11 Page - Tyco Electronics

Part # T1K-445102-5-9
Description  Products for Mobile Equipment
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T1K-445102-5-9 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button T1K-445102-5-9 Datasheet HTML 7Page - Tyco Electronics T1K-445102-5-9 Datasheet HTML 8Page - Tyco Electronics T1K-445102-5-9 Datasheet HTML 9Page - Tyco Electronics T1K-445102-5-9 Datasheet HTML 10Page - Tyco Electronics T1K-445102-5-9 Datasheet HTML 11Page - Tyco Electronics T1K-445102-5-9 Datasheet HTML 12Page - Tyco Electronics T1K-445102-5-9 Datasheet HTML 13Page - Tyco Electronics T1K-445102-5-9 Datasheet HTML 14Page - Tyco Electronics T1K-445102-5-9 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
5-Directional SIM Connector
Products for Mobile Equipment
Connectors
Catalog 1654270-2
Revised 8-2007
All specifications subject to change. Consult Tyco Electronics for latest specifications.
9
5-Directional
SIM Connector
Features
Can be mated from 5 directions,
left, right, front, back and top.
The completely deep drawn
contact nose provides smooth
insertion and minimal card wear
under any condition.
Height range from 1.5 mm to
5.0 mm possible, while maintain-
ing 0.5 mm contact deflection
(GSM Specification).
This product works with SIM
cards of Generation 1, 2 and 3.
Material and Finish
Insulator:
GF liquid crystal polymer,
black color
Contact Pin:
Copper alloy
Contact Plating:
1.2 µm nickel underlayer,
1.25 µm gold at card side,
0.1– 0.2 µm gold at solder side
Documentation
Drawing:
C-1705300
Product Specification:
108-19280
Test Report:
501-19095
Application Specification:
114-19092
PCB Layout
Dimensions (mm)
AB
1.5
7.7
1-1705300-5
1450
1.6
7.7
1-1705300-6
1450
1.7
7.7
1-1705300-7
1450
1.8
7.6
1-1705300-8
1450
1.9
7.6
1-1705300-9
1450
2.0
7.5
2-1705300-0
1450
2.1
7.3
2-1705300-1
1450
2.2
7.2
2-1705300-2
1450
2.3
7.0
2-1705300-3
1450
2.4
6.7
2-1705300-4
1450
2.5
7.7
2-1705300-5
1150
2.6
7.5
2-1705300-6
1150
2.7
7.2
2-1705300-7
1150
2.8
6.9
2-1705300-8
1150
2.9
7.7
2-1705300-9
1150
3.0
7.4
3-1705300-0
1150
3.1
7.0
3-1705300-1
1150
3.2
7.7
3-1705300-2
1150
Bold Part Numbers are tooled
Part
Package
Quantity
Number
(Pieces/Reel)
Dimensions (mm)
AB
3.3
7.3
3-1705300-3
1450
3.4
6.7
3-1705300-4
1450
3.5
7.6
3-1705300-5
950
3.6
7.1
3-1705300-6
950
3.7
7.6
3-1705300-7
950
3.8
7.1
3-1705300-8
950
3.9
7.5
3-1705300-9
950
4.0
6.8
4-1705300-0
950
4.1
7.5
4-1705300-1
950
4.2
6.8
4-1705300-2
950
4.3
7.6
4-1705300-3
950
4.4
6.8
4-1705300-4
950
4.5
7.7
4-1705300-5
800
4.6
6.9
4-1705300-6
800
4.7
7.6
4-1705300-7
800
4.8
6.6
4-1705300-8
800
4.9
7.6
4-1705300-9
800
5.0
6.6
5-1705300-0
800
Part
Package
Quantity
Number
(Pieces/Reel)
Dim. B
Dim. A
10.0
1.0
2.0
7.6
0.5
0.1
2.54
2.54
2.54
2.54


Similar Part No. - T1K-445102-5-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T1K-044033-10-9 MACOM-T1K-044033-10-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
T1K-064064-25-9 MACOM-T1K-064064-25-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
T1K-080080-10-9 MACOM-T1K-080080-10-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
T1K-095080-25-9 MACOM-T1K-095080-25-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
T1K-095095-10-9 MACOM-T1K-095095-10-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Similar Description - T1K-445102-5-9

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
ST3215SB32768E0HPWBB KSS-ST3215SB32768E0HPWBB Datasheet
47Kb / 1P
   3.2횞1.5mm for Consumer/ Mobile Equipment
ST3215SB KSS-ST3215SB Datasheet
105Kb / 1P
   3.2횞1.5mm for Consumer/ Mobile Equipment
logo
Mitsumi Electronics, Co...
DCA-PXXX MITSUMI-DCA-PXXX Datasheet
47Kb / 2P
   Internal TV Antenna for Mobile Equipment
logo
SAMWHA ELECTRIC
CPI2016NHL1R0ME SAMWHA-CPI2016NHL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2520NLL1R0ME SAMWHA-CPI2520NLL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI3216SHL1R0ME SAMWHA-CPI3216SHL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI3225NLL1R0ME SAMWHA-CPI3225NLL1R0ME Datasheet
109Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI1608NHQ1R0MT SAMWHA-CPI1608NHQ1R0MT Datasheet
106Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2520NHL1R0ME SAMWHA-CPI2520NHL1R0ME Datasheet
110Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2012NHL1R0ME SAMWHA-CPI2012NHL1R0ME Datasheet
112Kb / 1P
   DC-DC converter circuits for mobile equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com