Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1612964-4 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 1612964-4
Description  Power Connectors & Interconnection Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1612964-4 Datasheet(HTML) 6 Page - Tyco Electronics

  1612964-4 Datasheet HTML 1Page - Tyco Electronics 1612964-4 Datasheet HTML 2Page - Tyco Electronics 1612964-4 Datasheet HTML 3Page - Tyco Electronics 1612964-4 Datasheet HTML 4Page - Tyco Electronics 1612964-4 Datasheet HTML 5Page - Tyco Electronics 1612964-4 Datasheet HTML 6Page - Tyco Electronics 1612964-4 Datasheet HTML 7Page - Tyco Electronics 1612964-4 Datasheet HTML 8Page - Tyco Electronics 1612964-4 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
232
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
5.0 mm Pitch Battery Receptacle Assemblies
Note: All part numbers are RoHS
compliant.
Power Connectors & Interconnection Systems
Voltage
Mount Type
Part Number
12.0
Surface-Mount
787439-1
Weld Tabs
787615-1
10.8
Weld Tabs
787614-1
Note: All receptacles include a dovetail locator.
5.0 mm Pitch Right-Hand
Key Receptacle Assemblies
Material and Finish
Housing — Black polycarbonate,
UL 94V-0 rated
Contacts — Copper alloy, plated
.000075 [0.00190] min. nickel
.197
[5.00]
Typ.
.358
[9.10]
Typ.
1.299 ± .002
[33.00 ± 0.05]
.087 ± .002
[2.20 ± 0.05]
.315 ± .001
[8.00 ± 0.03]
.248 ± .003
[6.30 ± 0.08]
Typ.
.396
[10.05]
Voltage
Mount Type
Part Number
Solder Tail
5787590-1
7.2
Surface-Mount
787328-1
Weld Tab
787613-1
Note: All receptacles include a dovetail locator.
5.0 mm Pitch Left-Hand
Key Receptacle Assemblies
Material and Finish
Housing — Black polycarbonate,
UL 94V-0 rated
Contacts — Copper alloy, plated
.000075 [0.00190] min. nickel
.197
[5.00]
Typ.
.358
[9.10]
Typ.
.118
[3.00]
Typ.
1.220 ± .002
[31.00 ± 0.05]
.087 ± .002
[2.20 ± 0.05]
.315 ± .001
[8.00 ± 0.03]
.248 ± .003
[6.30 ± 0.08]
Typ.
.396
[10.05]
Voltage
Mount Type
Part Number
N/A
Solder Tail
5787802-1
Surface-Mount
146845-1
Note: All receptacles include a dovetail locator.
5.0 mm Pitch Keyless
Receptacle Assemblies
Material and Finish
Housing — Black polycarbonate,
UL 94V-0 rated
Contacts — Copper alloy, plated
.000075 [0.00190] min. nickel
.197
[5.00]
Typ.
.057
[1.44]
Typ.
.358
[9.10]
Typ.
.443
[11.25]
1.398 ± .002
[35.50 ± 0.05]
.087 ± .002
[2.20 ± 0.05]
.315 ± .001
[8.00 ± 0.03]
.248 ± .003
[6.30 ± 0.08]
Typ.
.396
[10.05]
Part Number 787439-1
Surface-Mount Receptacle
Part Number 787613-1
Weld Tab Receptacle
Part Number 5787802-1
Solder Tail Receptacle


Similar Part No. - 1612964-4

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
161296 FESTO-161296 Datasheet
87Kb / 1P
   Flat cylinder
More results

Similar Description - 1612964-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2042274-2 MACOM-2042274-2 Datasheet
8Mb / 111P
   Power Connectors & Interconnection Systems
logo
List of Unclassifed Man...
536274-1 ETC-536274-1 Datasheet
276Kb / 2P
   Micro-Strip Interconnection Systems
Revised 11-95
171822 ETC1-171822 Datasheet
257Kb / 2P
   Economy Interconnection (EI) Series Connectors
logo
Vincotech
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com