Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1827684-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1827684-1
Description  Power Connectors & Interconnection Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1827684-1 Datasheet(HTML) 3 Page - Tyco Electronics

  1827684-1 Datasheet HTML 1Page - Tyco Electronics 1827684-1 Datasheet HTML 2Page - Tyco Electronics 1827684-1 Datasheet HTML 3Page - Tyco Electronics 1827684-1 Datasheet HTML 4Page - Tyco Electronics 1827684-1 Datasheet HTML 5Page - Tyco Electronics 1827684-1 Datasheet HTML 6Page - Tyco Electronics 1827684-1 Datasheet HTML 7Page - Tyco Electronics 1827684-1 Datasheet HTML 8Page - Tyco Electronics 1827684-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
229
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
2.0 mm Pitch Multi-Directional Interconnection (MDI) Systems
Note: All part numbers are RoHS compliant.
Power Connectors & Interconnection Systems
Mount Type
Boardlocks
Part Number
Special Features
Through Hole
With
5146877-1
Sequenced contacts
Retention Tails
Without
5787252-1
Straight Solder
5787531-1
Sequenced contacts
6-Position Multi-Directional
Headers
Material and Finish
Housing — Black liquid crystal
polymer, UL 94V-0 rated
Contacts — Brass, plated .000030
[0.00076] min. gold on mating area,
.00015 [0.0038] min. tin on solder tail,
all over .000050 [0.00127] min. nickel
Mount Type
Boardlocks
Part Number
Surface-Mount
With
5787090-1
Through Hole
Without
5787253-1
5787526-1
6-Position Multi-Directional
Receptacles
Material and Finish
Housing — Black liquid crystal
polymer, UL 94V-0 rated
Contacts — Phosphor bronze, plated
.000030 [0.00076] min. gold on mating
area, .00015 [0.0038] min. tin on solder
tail, all over .000050 [0.00127] min.
nickel
Typ.
.079
[2.00]
Typ.
.079
[2.00]
Solder Tail
Typ.
.591
[15.00]
Typ.
.359
[9.13]
Part Number 5787531-1
Straight Solder Tails
Typ.
.079
[2.00]
Typ.
.125
[3.18]
Solder Tail
Typ.
.591
[15.00]
Typ.
.359
[9.13]
Part Number 5787252-1
Below-the-Board Retention Tails
Typ.
Boardlock
2 Plcs.
.689
[17.50]
.240
[6.10]
.148
[3.75]
.205
[5.20]
Solder Tail
Typ.
Part Number 5146877-1
Typ.
.079
[2.00]
.897 ± .004
[22.79 ± 0.10]
Part Number 5787253-1
Through Hole Mount
Typ.
.079
[2.00]
.897 ± .004
[22.79 ± 0.10]
Part Number 5787526-1
Through Hole Mount
.113 ± .011
[28.73 ± 0.27]
.375 ± .004
[9.53 ± 0.10]
Boardlock
2 Plcs.
Solder Tail
Typ.
.339 ± .006
[8.60 ± 0.16]
Typ.
.059 ± .003
[1.50 ± 0.08]
Part Number 5787090-1
Surface-Mount with Boardlocks


Similar Part No. - 1827684-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1827684-1 MACOM-1827684-1 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
1827684-1 MACOM-1827684-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1827684-1 MACOM-1827684-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1827684-1 MACOM-1827684-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1827684-1 MACOM-1827684-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
More results

Similar Description - 1827684-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2042274-2 MACOM-2042274-2 Datasheet
8Mb / 111P
   Power Connectors & Interconnection Systems
logo
List of Unclassifed Man...
536274-1 ETC-536274-1 Datasheet
276Kb / 2P
   Micro-Strip Interconnection Systems
Revised 11-95
171822 ETC1-171822 Datasheet
257Kb / 2P
   Economy Interconnection (EI) Series Connectors
logo
Vincotech
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com